Electronic Components Datasheet Search
  English  ▼

X  

STPSC16H065A Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPSC16H065A
Description  650 V power Schottky silicon carbide rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC16H065A Datasheet(HTML) 3 Page - STMicroelectronics

  STPSC16H065A Datasheet HTML 1Page - STMicroelectronics STPSC16H065A Datasheet HTML 2Page - STMicroelectronics STPSC16H065A Datasheet HTML 3Page - STMicroelectronics STPSC16H065A Datasheet HTML 4Page - STMicroelectronics STPSC16H065A Datasheet HTML 5Page - STMicroelectronics STPSC16H065A Datasheet HTML 6Page - STMicroelectronics STPSC16H065A Datasheet HTML 7Page - STMicroelectronics STPSC16H065A Datasheet HTML 8Page - STMicroelectronics STPSC16H065A Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Table 4. Dynamic electrical characteristics
Symbol
Parameter
Test conditions
Typ.
Unit
QCj(1)
Total capacitive charge
VR = 400 V
41
nC
Cj
Total capacitance
VR = 0 V, Tc = 25 °C, F = 1 MHz
750
pF
VR = 300 V, Tc = 25 °C, F = 1 MHz
76
1.
Most accurate value for the capacitive charge:
QcjVR = ∫0VRCjVdV
1.1
Characteristics (curves)
Figure 1. Forward voltage drop versus forward
current (typical values, low level)
0
4
8
12
16
20
24
28
32
0
.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
IF(A)
V
F
(V)
T
a
= 175 °C
T
a
= 150 °C
Pulse test: tp = 500 µs
T
a
= 100 °C
T
a
= 25 °C
Figure 2. Forward voltage drop versus forward
current (typical values, high level)
0
20
40
60
80
100
120
140
160
0
1
2
3
4
5
6
7
8
IF(A)
T
a
= 25 °C
V
F
(V)
T
a
= 175 °C
T
a
= 100 °C
T
a
= 150 °C
Pulse test: tp = 500 µs
Figure 3. Reverse leakage current versus reverse
voltage applied (typical values)
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
0
50 100 150 200 250 300 350 400 450 500 550 600 650
V
R
(V)
Tj = 175 °C
Tj = 25 °C
I
R(µA)
Tj = 150 °C
Figure 4. Peak forward current versus case
temperature
0
20
40
60
80
0
25
50
75
100
125
150
175
Tc(°C)
IM (A)
T
δ= tp/T
tp
δ = 0.3
δ = 0.1
δ = 0.5
δ = 0.7
δ = 1
STPSC16H065A
Characteristics (curves)
DS12768 - Rev 1
page 3/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com