Electronic Components Datasheet Search
  English  ▼

X  

STTH60RQ06-Y Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH60RQ06-Y
Description  Automotive turbo 2 ultrafast high voltage rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH60RQ06-Y Datasheet(HTML) 3 Page - STMicroelectronics

  STTH60RQ06-Y Datasheet HTML 1Page - STMicroelectronics STTH60RQ06-Y Datasheet HTML 2Page - STMicroelectronics STTH60RQ06-Y Datasheet HTML 3Page - STMicroelectronics STTH60RQ06-Y Datasheet HTML 4Page - STMicroelectronics STTH60RQ06-Y Datasheet HTML 5Page - STMicroelectronics STTH60RQ06-Y Datasheet HTML 6Page - STMicroelectronics STTH60RQ06-Y Datasheet HTML 7Page - STMicroelectronics STTH60RQ06-Y Datasheet HTML 8Page - STMicroelectronics STTH60RQ06-Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
1.1
Characteristics (curves)
Figure 1. Average forward power dissipation versus
average forward current (square waveform)
0
40
80
120
160
200
0
10
20
30
40
50
60
70
80
IF(AV)(A)
PF(AV)(W)
δ=0.05
δ=0.1
δ=0.2
δ=0.5
δ=1
T
δ =tp/T
tp
Figure 2. Average forward power dissipation versus
average forward current (sinusoidal waveform)
0
40
80
120
160
200
0
10
20
30
40
50
60
70
80
90
IF(AV)(A)
PF(AV)(W)
δ=0.05
δ=0.1
δ=0.2
δ=0.5
δ=1
Figure 3. Forward voltage drop versus forward current
(typical values)
0.1
1.0
10.0
100.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VF(V)
IF(A)
Tj=25 °C
Tj=150 °C
Tj=175 °C
Tj=-40 °C
Figure 4. Forward voltage drop versus forward current
(maximum values)
0.1
1.0
10.0
100.0
0.0
1.0
2.0
3.0
4.0
VF(V)
IF(A)
Tj=150 °C
Tj=175 °C
Tj=25 °C
Tj=-40 °C
Figure 5. Relative variation of thermal impedance junction
to case versus pulse duration
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
tP(s)
Zth(j-c) /Rth(j-c)
Figure 6. Peak reverse recovery current versus dIF/dt
(typical values)
0
10
20
30
0
50
100
150
200
250
300
350
400
450
500
dIF/dt(A/µs)
IRM(A)
VR=400 V
Tj=125 °C
IF = 60A
IF = 15A
IF = 30A
STTH60RQ06-Y
Characteristics (curves)
DS12510 - Rev 2
page 3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com