Electronic Components Datasheet Search
  English  ▼

X  

3266Z Datasheet(PDF) 1 Page - DB Lectro Inc

Part # 3266Z
Description  7.2횞6.7 Square/Multiturn/Trimming Potentiometer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

3266Z Datasheet(HTML) 1 Page - DB Lectro Inc

  3266Z Datasheet HTML 1Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
10
20
50
100
200
500
1,000
2,000
5,000
10,000
20,000
25,000
50,000
100,000
200,000
250,000
500,000
1,000,000
2,000,000
100
200
500
101
201
501
102
202
502
103
203
253
503
104
204
254
504
105
205
Special resistances available
Electrical Characteristics
Standard Resistance Range..................50Ω~2MΩ
Resistance Tolerance....................................±10%
Absolute Minimum Resistance...........≤1%R或10Ω
Contact Resistance Variation.........CRV≤3%或5Ω
Insulation Resistance................R1≥1GΩ(100Vac)
Withstand Voltage.......................................500Vac
Effective Travel...................................12 turns nom
Environmental Characteristics
Power Rating,315 volts max
......................... .............0.25W@70
℃,0W@125℃
Temperature Range..........................-55
℃~125℃
Temperature Coefficient.......................±250ppm/
℃
Temperature Variation.............-55
℃,30min,+125℃
.........................................................30min 5cycles
................................
△R≤5%R,△(Uab/Uac)≤5%
Vibration..............................10~
500Hz,0.75mm,6h,
..........................
△R≤5%R, △(Uab/Uac)≤7.5%R
Collision...................................390m/s2,4000cycles
.............................................................
△R≤5%R
Electrical Endurance at 70
℃
...............................................0.25W@70
℃ 1000h,
.............
△R≤10%R,R1≥100MΩ,CRV≤3% or 5Ω
Rotational Life...........................................200cycles
..................................
△R≤10%R,CRV≤3% or 5Ω
Physical Characteristics
Starting Torque.........................................≤
35mN·m
Marking..............when no identification, it is of±10%
 
 
Standard Resistance Table
Resistance(Ohms)
Resistance Code
..
Common Dimensions...........................
7.2×6.7 Square/Multiturn/Trimming Potentiometer
-- 3266Z--
How To Order
3266----Z--------103
DB LECTRO Inc.
www.dblectro.com


Similar Part No. - 3266Z

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3266Z-1-100 BOURNS-3266Z-1-100 Datasheet
156Kb / 2P
1/4 Square Trimming Potentiometer
3266Z-1-100A BOURNS-3266Z-1-100A Datasheet
156Kb / 2P
1/4 Square Trimming Potentiometer
3266Z-1-100ALF BOURNS-3266Z-1-100ALF Datasheet
156Kb / 2P
1/4 Square Trimming Potentiometer
3266Z-1-100LF BOURNS-3266Z-1-100LF Datasheet
156Kb / 2P
1/4 Square Trimming Potentiometer
3266Z-1-100R BOURNS-3266Z-1-100R Datasheet
156Kb / 2P
1/4 Square Trimming Potentiometer
More results

Similar Description - 3266Z

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
3266P DBLECTRO-3266P Datasheet
200Kb / 1P
7.2횞6.7 Square/Multiturn/Trimming Potentiometer
3266W DBLECTRO-3266W Datasheet
205Kb / 1P
7.2횞6.7 Square/Multiturn/Trimming Potentiometer
3266X DBLECTRO-3266X Datasheet
201Kb / 1P
7.2횞6.7 Square/Multiturn/Trimming Potentiometer
3266Y DBLECTRO-3266Y Datasheet
202Kb / 1P
7.2횞6.7 Square/Multiturn/Trimming Potentiometer
3296W DBLECTRO-3296W Datasheet
210Kb / 1P
10횞9.5 Square/Multiturn/Trimming Potentiometer
3296X DBLECTRO-3296X Datasheet
205Kb / 1P
10횞9.5 Square/Multiturn/Trimming Potentiometer
3296Y DBLECTRO-3296Y Datasheet
204Kb / 1P
10횞9.5 Square/Multiturn/Trimming Potentiometer
3296Z DBLECTRO-3296Z Datasheet
209Kb / 1P
10횞9.5 Square/Multiturn/Trimming Potentiometer
logo
Bi technologies
67PR10KLF BITECH-67PR10KLF Datasheet
66Kb / 5P
3/8 Square Multiturn Cermet Trimming Potentiometer
64PR10KLF BITECH-64PR10KLF_08 Datasheet
63Kb / 4P
1/4 Square Multiturn Cermet Trimming Potentiometer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com