Electronic Components Datasheet Search
  English  ▼

X  

EPC23102 Datasheet(PDF) 2 Page - Efficient Power Conversion Corporation.

Part # EPC23102
Description  EPC23102 – ePower™ Stage IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPC-CO [Efficient Power Conversion Corporation.]
Direct Link  https://epc-co.com/
Logo EPC-CO - Efficient Power Conversion Corporation.

EPC23102 Datasheet(HTML) 2 Page - Efficient Power Conversion Corporation.

  EPC23102 Datasheet HTML 1Page - Efficient Power Conversion Corporation. EPC23102 Datasheet HTML 2Page - Efficient Power Conversion Corporation. EPC23102 Datasheet HTML 3Page - Efficient Power Conversion Corporation. EPC23102 Datasheet HTML 4Page - Efficient Power Conversion Corporation. EPC23102 Datasheet HTML 5Page - Efficient Power Conversion Corporation. EPC23102 Datasheet HTML 6Page - Efficient Power Conversion Corporation. EPC23102 Datasheet HTML 7Page - Efficient Power Conversion Corporation. EPC23102 Datasheet HTML 8Page - Efficient Power Conversion Corporation. EPC23102 Datasheet HTML 9Page - Efficient Power Conversion Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
eGaN® FET DATASHEET
EPC23102
EPC – POWER CONVERSION TECHNOLOGY LEADER | EPC-CO.COM | ©2022 |
| 2
Figure 2: EPC23102 Quad Flat No-Lead (QFN)
Package (Transparent Top View)
EPC23102 Pinout Description
Transparent Top View
1
7
6
5
4
3
2
13
12
11
10
8
9
Pin
Description
1
HSIN
2
LSIN
3
EN
4
VDD
5
VDRV
6
RDRV
7
AGND
8
PGND
9
SW
10
VIN
11
VPHASE
12
RBOOT
13
VBOOT
Pin Pin Name Pin Type Description
1
HSIN
L
High side PWM logic input, level referenced to AGND. Internal pull-down
resistor is connected between HSIN and AGND.
2
LSIN
L
Low side PWM logic input, level referenced to AGND. Internal pull-down
resistor is connected between LSIN and AGND.
3
EN
L
VDD disable input, level referenced to AGND. InternalVDD will be disabled
when EN is pulled up to VDRV or external 5V source. Internal pull-down
resistor is connected between EN and AGND, thereby VDD will followVDRV
with EN connected to AGND by default.
4
VDD
S
Internal power supply referenced to AGND, connect a bypass capacitor from
VDD to AGND.
5
VDRV
S
External 5 V nominal power supply referenced to AGND, connect a bypass
capacitor from VDRV to AGND.
6
RDRV
G
Insert resistor between RDRV toVDRV to control the turn-on slew rate of the
driven low side FET.
7
AGND
S
Logic ground. Connect bypass capacitors between operating bias supplies,
VDRV andVDD, to AGND. Internal IC connection between AGND and PGND. Use
star ground external connection with PGND to system ground.
8
PGND
P
Input power supply ground return. Connected to source terminal of internal
low side FET. Connect power loop capacitors from VIN to PGND.
9
SW
P
Output switching node. Connected to output of half-bridge power stage.
SW pin connects together the source terminal of high side FET and the drain
terminal of the low side FET.
10
VIN
P
Power bus input. Connected to drain terminal of internal high side FET.
Connect power loop capacitors from VIN to PGND or power source terminals
of low side FET.
11
VPHASE
S
Kelvin connection to SW, the output switching node. The floating bootstrap
power supply, VBOOT, is also referenced toVPHASE.
12
RBOOT
G
Insert resistor between RBOOT toVBOOT to control the turn-on slew rate of the
internal high side FET.
13
VBOOT
S
Floating bootstrap power supply referenced to VPHASE (=SW). Connect an
external bypass capacitor from VBOOT toVPHASE.
Pin Type: P = Power, S = Bias Supplies, L = Logic Inputs/Outputs, G = Gate Drive Adjust



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com