Electronic Components Datasheet Search
  English  ▼

X  

0R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 0R
Description  “0R” Series – 1/8" thru 3/4" Ports
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

0R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  0R Datasheet HTML 1Page - List of Unclassifed Manufacturers 0R Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pneumatic Division
Richland, Michigan
www.wattsfluidai .com
F9
F
Flow Controls & Accessories
 
“0R” Series – 1/8" thru 3/4" Ports
General Information
Quick exhaust valves provide rapid exhaust of control air
when placed between control valve and actuator. They can
also be used as shuttle valves. Diaphragm materials are
available in urethane, Nitrile, Fluorocarbon, and PTFE to
meet a wide variety of operating conditions.
1
3
2
Valve Specification
Operating Pressure (Air)
Maximum:
150 PSIG

00 PSIG for Model No. 0R37TB (PTFE diaphragm)
Minimum:
3 PSIG
50 PSIG for Model No. 0R37TB (PTFE diaphragm)
Operating Temperature:
Urethane: 0°F to 180°F* (-18°C to 80°C)
Nitrile: 0°F to 180°F* (-18°C to 80°C)
Fluorocarbon: 0°F to 00°F* (-18°C to 05°C)
PTFE: 0°F to 500°F* (-18°C to 60°C)
* Ambient temperatures below freezing require moisture-free air.
Ambient temperatures below freezing and above 180° require
lubricants especially selected for suitability at these temperatures.
Pneumatic valves should be used with filtered and lub icated air.
Component  Materials
Body Material........................................................Die cast aluminum
Static Seals ..........................................Nitrile standard with urethane
(Others see below)
Diaphragm......................................................... Standard – Urethane
Optional – Fluorocarbon, PTFE, or Nitrile
(Depending on size)
Mounting Bracket Kit – No. 03640 8100
(Including body screws)
For “0R1” and “0R5” sizes
with 7/8" “A” Dimension.
C
A
B
Port 1 (In)
Port 3 (Exh)
Port 2 (Cyl)
1
2
3
Model Selection, Performance Data and Dimensions
Port
Flow
(SCFM†)
Model Number
A
B
C
Service
Kit No.
1
2
3
NPTF
BSPP “G”
STANDARD URETHANE DIAPHRAGMS  (Nitrile static seals)
1/8"
1/8"
1/8"
70
0R12B
0RB1B
7/8" Sq.
1.75
1.88
0360 8000
1/8"
1/"
70
0R12NB
0RB1NB
7/8" Sq.
1.75
1.88
0360 8000
1/"
1/"
1/"
90
0R25B
0RB5B
7/8" Sq.
1.75
1.88
0360 8000
1/"
3/8"
150
0R25NB
0RB5NB
1" Hex

.06

.
0330 0105
3/8"
3/8"

0
0R25PB
—
1" Hex

.06

.
0330 0105
3/8"
3/8"
3/8"

0
0R37B
0RB37B
1" Hex

.06

.
0330 0105
1/"
1/"
1/"

50
0R50B
0RB50B
1-1/" Hex

.88
3.38
0375 0109
3/"
3/"
3/"
550
0R75B
0RB75B
1-1/" Hex

.88
3.38
0375 0109
NITRILE DIAPHRAGMS  (Nitrile static seals)
1/"
1/"
3/8"
90
0R5NFB
0RB5NFB
7/8" Sq.
1.75
1.88
0330 8000
3/8"
3/8"
3/8"

0
0R37FB
0RB37FB
1" Hex

.06

.
0330 8000
3/"
3/"
3/"
550
0R75FB
0RB75FB
1-1/" Hex

.88
3.38
0375 9000
FLUOROCARBON DIAPHRAGMS for extended temperature operation  (Fluorocarbon static seals)
1/8"
1/8"
1/8"
70
0R1VB
0RB1VB
7/8" Sq.
1.75
1.88
03650 8000
1/8"
1/"
70
0R1NVB
0RB1NVB
7/8" Sq.
1.75
1.88
03650 8000
1/"
1/"
1/"
90
0R5VB
0RB5VB
7/8" Sq.
1.75
1.88
03650 8000
3/8"
3/8"
3/8"

0
0R37VB
0RB37VB
1" Hex

.06

.
0330 0319
1/"
1/"
1/"

50
0R50VB
0RB50VB
1-1/" Hex

.88
3.38
0375 010
3/"
3/"
3/"
550
0R75VB
0RB75VB
1-1/" Hex

.88
3.38
0375 010
PTFE DIAPHRAGMS for higher pressure and temperature  (Fibre static seals)
3/8"
3/8"
3/8"

0
0R37TB
0RB37TB
1" Hex

.06

.
0330 050
† At 100 PSIG inlet pressure with full pressure drop.
BOLD ITEMS ARE MOST POPULAR.
“0R” Series
Catalog 0305-
Quick Exhaust & Shuttle Valves


Similar Description - 0R

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SS-73100-071 BEL-SS-73100-071 Datasheet
196Kb / 2P
HIGH PERFORMANCE SHIELDED STACK JACK, 8 PORTS(4 ON 4) EIGHT CONTACT, EIGHT POSITION, 8 PORTS (4 ON 4)
logo
Molex Electronics Ltd.
0432238196 MOLEX5-0432238196 Datasheet
675Kb / 8P
Modular Jack, Right Angle, Low Profile, 8/8, 3 Ports
0432238131 MOLEX5-0432238131 Datasheet
675Kb / 8P
Modular Jack, Right Angle, Low Profile, 8/8, 3 Ports
0432238025 MOLEX5-0432238025 Datasheet
675Kb / 8P
Modular Jack, Right Angle, Low Profile, 8/8, 3 Ports
0432238193 MOLEX5-0432238193 Datasheet
675Kb / 8P
Modular Jack, Right Angle, Low Profile, 8/4, 3 Ports
logo
Littelfuse
JBPT0001Z LITTELFUSE-JBPT0001Z Datasheet
199Kb / 1P
3/8 ??Pass Thru Stud Block
logo
Phihong USA Inc.
POE480U-4UP PHIHONG-POE480U-4UP Datasheet
111Kb / 3P
4/8 Ports 60W per Port Midspan
logo
Aeroflex Circuit Techno...
JAN1N5297-1 AEROFLEX-JAN1N5297-1 Datasheet
517Kb / 4P
Current Regulator Diode Series 1N5283-1 thru 1N5314-1 & 1N7048-1 thru 1N7055-1
logo
Axiomtek Co., Ltd.
P1177E-842 AXIOMTEK-P1177E-842 Datasheet
381Kb / 2P
1 USB 3.0, 3 USB 2.0 and 4 COM ports
logo
SparkFun Electronics
ROB-12477 SPARKFUN-ROB-12477 Datasheet
93Kb / 1P
Shaft Coupler - 1/4 to 3/8
1/15/2016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com