Electronic Components Datasheet Search
  English  ▼

X  

ESD752 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ESD752
Description  ESD752 and ESD7x2 24-V, 2-Channel, ESD Protection With 5.7 A of 8/20 μs Surge Protection in a SOT-23 and SOT-323 / SC-70 Package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ESD752 Datasheet(HTML) 3 Page - Texas Instruments

  ESD752 Datasheet HTML 1Page - Texas Instruments ESD752 Datasheet HTML 2Page - Texas Instruments ESD752 Datasheet HTML 3Page - Texas Instruments ESD752 Datasheet HTML 4Page - Texas Instruments ESD752 Datasheet HTML 5Page - Texas Instruments ESD752 Datasheet HTML 6Page - Texas Instruments ESD752 Datasheet HTML 7Page - Texas Instruments ESD752 Datasheet HTML 8Page - Texas Instruments ESD752 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
5 Pin Configuration and Functions
1
IO
2
IO
3
GND
Not to scale
Figure 5-1. DCK and DBZ Package,
3-Pin SOT-323 / SC-70 and SOT-23
(Top View)
Table 5-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
IO
1, 2
I/O
ESD protected IO
GND
3
—
Connect to ground.
(1)
I/O = Input or Output,
www.ti.com
ESD752
SLVSGX0A – MAY 2022 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: ESD752



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com