Electronic Components Datasheet Search
  English  ▼

X  

LM124 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LM124
Description  LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM124 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM124 Datasheet HTML 15Page - Texas Instruments LM124 Datasheet HTML 16Page - Texas Instruments LM124 Datasheet HTML 17Page - Texas Instruments LM124 Datasheet HTML 18Page - Texas Instruments LM124 Datasheet HTML 19Page - Texas Instruments LM124 Datasheet HTML 20Page - Texas Instruments LM124 Datasheet HTML 21Page - Texas Instruments LM124 Datasheet HTML 22Page - Texas Instruments LM124 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 53 page
background image
6.12 Typical Characteristics: All Devices Except B and BA versions
Output Sink Current (mA)
0.001
0.01
0.1 0.2 0.5 1
2 3 5 710 20
50 100
0.01
0.02
0.03
0.05
0.1
0.2
0.3
0.5
1
2
3
5
10
D001
VCC = 15 V
VCC = 5 V
VCC = 30 V
Figure 6-29. Output Sinking Characteristics
Output Source Current (mA)
0.001
0.01
0.1 0.2 0.5 1
2 3 5 710 20
50 100
1
2
3
4
5
6
7
8
D002
VCC = 15 V
Figure 6-30. Output Sourcing Characteristics
Temperature (qC)
-55 -40 -25 -10
5
20
35
50
65
80
95
110 125
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
D003
Figure 6-31. Source Current Limiting
Time (PS)
0
5
10
15
20
25
30
35
40
45
50
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
2.75
3
3.25
D004
Input
Output
Figure 6-32. Voltage Follower Large Signal Response (50 pF)
Frequency (Hz)
100 200
500 1000
10000
100000
1000000
0
10
20
30
40
50
60
70
80
90
D006
Figure 6-33. Common-Mode Rejection Ratio
Frequency (Hz)
1000 2000
5000 10000
100000
1000000
0
2.5
5
7.5
10
12.5
15
17.5
20
D007
Figure 6-34. Maximum Output Swing vs. Frequency
(VCC = 15 V)
www.ti.com
LM124, LM124A, LM224, LM224A, LM224K, LM224KA
LM324, LM324A, LM324B, LM324K, LM324KA
LM2902, LM2902B, LM2902K, LM2902KV, LM2902KAV
SLOS066Y – SEPTEMBER 1975 – REVISED OCTOBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: LM124 LM124A LM224 LM224A LM224K LM224KA LM324 LM324A LM324B LM324K
LM324KA LM2902 LM2902B LM2902K LM2902KV LM2902KAV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com