Electronic Components Datasheet Search
  English  ▼

X  

LM224 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM224
Description  LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM224 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM224 Datasheet HTML 17Page - Texas Instruments LM224 Datasheet HTML 18Page - Texas Instruments LM224 Datasheet HTML 19Page - Texas Instruments LM224 Datasheet HTML 20Page - Texas Instruments LM224 Datasheet HTML 21Page - Texas Instruments LM224 Datasheet HTML 22Page - Texas Instruments LM224 Datasheet HTML 23Page - Texas Instruments LM224 Datasheet HTML 24Page - Texas Instruments LM224 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
8 Detailed Description
8.1 Overview
These devices consist of four independent high-gain frequency-compensated operational amplifiers that are
designed specifically to operate from a single supply over a wide range of voltages. Operation from split supplies
is also possible if the difference between the two supplies is 3 V to 36 V (B and BA versions), 3 V to 26 V (for
LM2902 devices), or 3 V to 30 V (for all other devices), and VCC is at least 1.5 V more positive than the input
common-mode voltage. The low supply-current drain is independent of the magnitude of the supply voltage.
Applications include transducer amplifiers, DC amplification blocks, and all the conventional operational-amplifier
circuits that can be more easily implemented in single-supply-voltage systems. For example, the LM324B and
LM2902B devices can be operated directly from the standard 5-V supply that is used in digital systems and
provides the required interface electronics, without requiring additional ±15-V supplies.
8.2 Functional Block Diagram
ESD protection cells - available on B, BA, and K versions only
www.ti.com
LM124, LM124A, LM224, LM224A, LM224K, LM224KA
LM324, LM324A, LM324B, LM324K, LM324KA
LM2902, LM2902B, LM2902K, LM2902KV, LM2902KAV
SLOS066Y – SEPTEMBER 1975 – REVISED OCTOBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: LM124 LM124A LM224 LM224A LM224K LM224KA LM324 LM324A LM324B LM324K
LM324KA LM2902 LM2902B LM2902K LM2902KV LM2902KAV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com