Electronic Components Datasheet Search
  English  ▼

X  

LM324KA Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM324KA
Description  LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM324KA Datasheet(HTML) 5 Page - Texas Instruments

  LM324KA Datasheet HTML 1Page - Texas Instruments LM324KA Datasheet HTML 2Page - Texas Instruments LM324KA Datasheet HTML 3Page - Texas Instruments LM324KA Datasheet HTML 4Page - Texas Instruments LM324KA Datasheet HTML 5Page - Texas Instruments LM324KA Datasheet HTML 6Page - Texas Instruments LM324KA Datasheet HTML 7Page - Texas Instruments LM324KA Datasheet HTML 8Page - Texas Instruments LM324KA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
LM324B, LM324BA,
LM2902B, LM2902BA
LM2902
LM324xx, LM224xx,
LM2902xxx, LM124x
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
Supply voltage, VCC (2)
40
26
32
V
Differential input voltage, VID (3)
±40
±26
±32
V
Input voltage, VI (either input)
–0.3
40
–0.3
26
–0.3
32
V
Duration of output short circuit (one amplifier) to ground
at (or below) TA = 25°C, VCC ≤ 15 V(4)
Unlimited
Unlimited
Unlimited
Operating virtual junction temperature, TJ
150
150
150
°C
Case temperature for 60 seconds
FK package
260
°C
Lead temperature 1.6 mm (1/16
inch) from case for 60 seconds
J or W package
300
300
°C
Storage temperature, Tstg
–65
150
–65
150
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values (except differential voltages and VCC specified for the measurement of IOS) are with respect to the network GND.
(3)
Differential voltages are at IN+, with respect to IN−.
(4)
Short circuits from outputs to VCC can cause excessive heating and eventual destruction.
6.2 ESD Ratings
VALUE
UNIT
LM324B, LM324BA, LM2902B, LM2902BA, LM224K, LM224KA,
LM324K, LM324KA, LM2902K, LM2902KV, LM2902KAV
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101
±1000
LM124, LM124A, LM224, LM224A, LM324, LM324A, LM2902
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±500
V
Charged-device model (CDM), per JEDEC specification JESD22-C101
±1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
LM324B, LM324BA,
LM2902B, LM2902BA
LM2902
LM324xx, LM224xx,
LM2902xxx, LM124x
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
VCC Supply voltage
3
36
3
26
3
30
V
VCM Common-mode voltage
0
VCC – 2
0
VCC – 2
0
VCC – 2
V
TA Operating free air
temperature
LM124x
–55
125
°C
LM2902xxx,
LM2902Bx
-40
125
–40
125
LM324Bx
-40
85
LM224xx
–25
85
LM324xx
0
70
www.ti.com
LM124, LM124A, LM224, LM224A, LM224K, LM224KA
LM324, LM324A, LM324B, LM324K, LM324KA
LM2902, LM2902B, LM2902K, LM2902KV, LM2902KAV
SLOS066Y – SEPTEMBER 1975 – REVISED OCTOBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: LM124 LM124A LM224 LM224A LM224K LM224KA LM324 LM324A LM324B LM324K
LM324KA LM2902 LM2902B LM2902K LM2902KV LM2902KAV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com