Electronic Components Datasheet Search
  English  ▼

X  

AVY Datasheet(PDF) 2 Page - Stackpole Electronics, Inc.

Part # AVY
Description  Automotive SMD Varistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

AVY Datasheet(HTML) 2 Page - Stackpole Electronics, Inc.

  AVY Datasheet HTML 1Page - Stackpole Electronics, Inc. AVY Datasheet HTML 2Page - Stackpole Electronics, Inc. AVY Datasheet HTML 3Page - Stackpole Electronics, Inc. AVY Datasheet HTML 4Page - Stackpole Electronics, Inc. AVY Datasheet HTML 5Page - Stackpole Electronics, Inc. AVY Datasheet HTML 6Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Rev Date: 08/19/2019
2
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
AV / AVY Series
Automotive SMD Varistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Device Ratings and Dimensions
VN
VJUMP
IC
IMAX
WMAX
WLD
CTYP
(1 mA) (5 min)
(8/20 μSec) (8/20 μSec) (10/1000 μSec)
10 x
(@ 1kHz)
(volts) (volts) (volts) (volts) (volts)
(amps)
(amps)
(joules)
(joules) (watts)
(nF)
(mm)
(mm)
(mm)
12V Power Supply
AV14K0805...121
14
16
24
24.5
40
1
120
0.3
1
0.008
0.44
2.0 ± 0.25 1.25 ± 0.20
1
AV14K1206...201
14
16
24
24.5
40
1
200
0.6
1.5
0.008
1
3.2 ± 0.30 1.60 ± 0.20 1.2
AV14K1210...401
14
16
24
24.5
40
2.5
400
1.6
3
0.01
2.35
3.2 ± 0.30 2.50 ± 0.25 1.3
AV14K1812...801
14
16
24
24.5
40
5
800
2.4
6
0.015
4.5
4.7 ± 0.40 3.20 ± 0.30 1.3
AV14K2220...122
14
16
24
24.5
40
10
1200
5.8
12
0.03
10
5.7 ± 0.50 5.00 ± 0.40 1.4
AV14K3225...202
14
16
24
24.5
40
20
2000
12.5
25
0.04
16
8.0 ± 0.50 6.30 ± 0.40 1.5
AV17K0805...121
17
20
27
30
44
1
120
0.5
1
0.008
0.37
2.0 ± 0.25 1.25 ± 0.20
1
AV17K1206...201
17
20
27
30
44
1
200
1.1
1.5
0.008
0.81
3.2 ± 0.30 1.60 ± 0.20 1.2
AV17K1210...401
17
20
27
30
44
2.5
400
1.8
3
0.01
2
3.2 ± 0.30 2.50 ± 0.25 1.3
AV17K1812...801
17
20
27
30
44
5
800
2.9
6
0.015
3.8
4.7 ± 0.40 3.20 ± 0.30 1.3
AV17K2220...202
17
20
27
30
44
10
1200
7.2
12
0.03
8
5.7 ± 0.50 5.00 ± 0.40 1.4
AV17K3225...202
17
20
27
30
44
20
2000
13.8
25
0.04
13.2
8.0 ± 0.50 6.30 ± 0.40 1.5
24V Power Supply
AV20K1206...201
20
26
33
30
54
1
200
1.6
1.5
0.008
0.78
3.2 ± 0.30 1.60 ± 0.20 1.2
AV20K1210...401
20
26
33
30
54
2.5
400
1.9
3
0.01
1.65
3.2 ± 0.30 2.50 ± 0.25 1.3
AV20K1812...801
20
26
33
30
54
5
800
3
6
0.015
3.3
4.7 ± 0.40 3.20 ± 0.30 1.3
AV20K2220...202
20
26
33
30
54
10
1200
8
12
0.03
7
5.7 ± 0.50 5.00 ± 0.40 1.4
AV20K3225...202
20
26
33
30
54
20
2000
15
25
0.04
11
8.0 ± 0.50 6.30 ± 0.40 1.5
AV30K1206...201
30
34
47
50
77
1
200
2
1.5
0.008
0.53
3.2 ± 0.30 1.60 ± 0.20 1.2
AV30K1210...401
30
34
47
50
77
2.5
400
2.3
3
0.01
1.1
3.2 ± 0.30 2.50 ± 0.25 1.3
AV30K1812...801
30
34
47
50
77
5
800
3.8
6
0.015
2.2
4.7 ± 0.40 3.20 ± 0.30 1.3
AV30K2220...122
30
34
47
50
77
10
1200
10
12
0.03
6.5
5.7 ± 0.50 5.00 ± 0.40 1.4
AV30K3225...202
30
34
47
50
77
20
2000
17
25
0.04
6.6
8.0 ± 0.50 6.30 ± 0.40 1.5
42V Power Supply
AV40K1206...201
40
56
68
65
110
1
200
2.2
1.5
0.008
0.4
3.2 ± 0.30 1.60 ± 0.20 1.2
AV40K1210...401
40
56
68
65
110
2.5
400
2.6
3
0.01
0.9
3.2 ± 0.30 2.50 ± 0.25 1.3
AV40K1812...801
40
56
68
65
110
5
800
4.8
6
0.015
1.8
4.7 ± 0.40 3.20 ± 0.30 1.3
AV40K2220...122
40
56
68
65
110
10
1200
10.5
12
0.03
5.5
5.7 ± 0.50 5.00 ± 0.40 1.4
AV40K3225...202
40
56
68
65
110
20
2000
21
25
0.04
6.2
8.0 ± 0.50 6.30 ± 0.40 1.5
W
tMAX
VC
PMAX
L
Part Number
VRMS
VDC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com