Electronic Components Datasheet Search
  English  ▼

X  

AVYL Datasheet(PDF) 5 Page - Stackpole Electronics, Inc.

Part # AVYL
Description  Automotive Leaded Varistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

AVYL Datasheet(HTML) 5 Page - Stackpole Electronics, Inc.

  AVYL Datasheet HTML 1Page - Stackpole Electronics, Inc. AVYL Datasheet HTML 2Page - Stackpole Electronics, Inc. AVYL Datasheet HTML 3Page - Stackpole Electronics, Inc. AVYL Datasheet HTML 4Page - Stackpole Electronics, Inc. AVYL Datasheet HTML 5Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Rev Date: 08/14/2019
5
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
AVL / AVYL Series
Automotive Leaded Varistor
Stackpole Electronics, Inc.
Resistive Product Solutions
How to Order
1
2
3
4
5
6
7
8
9
10
11
12
13
A
V
L
2
0
K
8
0
2
0
5
0
T
RoHS Compliance
Stackpole Electronics has joined the worldwide effort to reduce the amount of lead in electronic components and to meet the various
regulatory requirements now prevalent, such as the European Union’s directive regarding “Restrictions on Hazardous Substances”
(RoHS 3). As part of this ongoing program, we periodically update this document with the status regarding the availability of our
compliant components. All our standard part numbers are compliant to EU Directive 2011/65/EU of the European Parliament as
amended by Directive (EU) 2015/863/EU as regards the list of restricted substances.
“Conflict Metals” Commitment
We at Stackpole Electronics, Inc. are joined with our industry in opposing the use of metals mined in the “conflict region” of the eastern
Democratic Republic of the Congo (DRC) in our products. Recognizing that the supply chain for metals used in the electronics industry
is very complex, we work closely with our own suppliers to verify to the extent possible that the materials and products we supply do
not contain metals sourced from this conflict region. As such, we are in compliance with the requirements of Dodd-Frank Act regarding
Conflict Minerals.
Compliance to “REACH”
We certify that all passive components supplied by Stackpole Electronics, Inc. are SVHC (Substances of Very High Concern) free and
compliant with the requirements of EU Directive 1907/2006/EC, “The Registration, Evaluation, Authorization and Restriction of
Chemicals”, otherwise referred to as REACH. Contact us for complete list of REACH Substance Candidate List.
Environmental Policy
It is the policy of Stackpole Electronics, Inc. (SEI) to protect the environment in all localities in which we operate. We continually strive
to improve our effect on the environment. We observe all applicable laws and regulations regarding the protection of our environment
and all requests related to the environment to which we have agreed. We are committed to the prevention of all forms
of pollution.
RoHS Compliance Status
AVL_AVYL
Automotive Leaded Varistor Straight Leads
Leaded
YES
100% Matte Sn
Jul-05
05/27
Standard
Product
Series
Description
Package /
Termination
Type
Standard
Series RoHS
Compliant
Lead-Free Termination
Composition
Lead-Free
Mfg. Effective Date
(Std Product Series)
Lead-Free
Effective Date
Code
(YY/WW)
Vrms
Code
Description
Code
Tol
Code
Size
Code Spacing
Code
Size
Code
Description
AVL
Standard
K
10%
60
6 mm
2
5 mm
003
3
B
Bulk
AVYL
High Temp
80
8 mm
3
7.5 mm
006
6
T
Tape and Reel
90
9 mm
012
12
A
Ammo
110
11 mm
025
25
20
20 mm
050
50
40
40 mm
100
100
Product Series
Tolerance
Disc Size (mm)
WLD
Packaging
Lead Spacing
See Device Ratings &
Dimensions Table



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com