Electronic Components Datasheet Search
  English  ▼

X  

CD_SERIES Datasheet(PDF) 1 Page - Stackpole Electronics, Inc.

Part # CD_SERIES
Description  Zero Ohm Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

CD_SERIES Datasheet(HTML) 1 Page - Stackpole Electronics, Inc.

  CD_SERIES Datasheet HTML 1Page - Stackpole Electronics, Inc. CD_SERIES Datasheet HTML 2Page - Stackpole Electronics, Inc. CD_SERIES Datasheet HTML 3Page - Stackpole Electronics, Inc. CD_SERIES Datasheet HTML 4Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev Date: 4/5/2022
1
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
CD Series
Zero Ohm Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Electrical Specifications
Features:
•
Ideal for crossovers or jumpers on circuit boards with auto-insertion capability
•
High current rating
•
Cut and formed product is available on select sizes, contact Stackpole for details
•
100% RoHS compliant and lead free without exemption
•
Halogen free
•
REACH compliant
Power Derating Curve:
Mechanical Specifications
0.126 ± 0.008
0.071 ± 0.008
1.102 ± 0.079
0.018 ± 0.0008
inches
3.20 ± 0.20
1.80 ± 0.20
28.00 ± 2.00
0.45 ± 0.02
mm
0.236 ± 0.012
0.091 ± 0.008
1.102 ± 0.079
0.022 ± 0.0012
inches
6.00 ± 0.30
2.30 ± 0.20
28.00 ± 2.00
0.55 ± 0.03
mm
0.354 ± 0.020
0.126 ± 0.020
1.024 ± 0.079
0.026 ± 0.0012
inches
9.00 ± 0.50
3.20 ± 0.50
26.00 ± 2.00
0.65 ± 0.03
mm
CD12
Type/Code
Unit
CD18
CD14
A
Body Length
B
Body Diameter
C
Lead Length (Bulk)
D
Lead Diameter
Part Number
Current Rating (A)
Dielectric Withstanding
(zero Ohm)
@ 70ºC
Voltage (V)
CD18
2
300
CD14
3
500
CD12
4
600
Operating temperature range is -55
C to +155C
Marking
Resistance (Ω)
Single black band
0.01 or less


Similar Part No. - CD_SERIES

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CD-SERIES TDK-CD-SERIES Datasheet
58Kb / 4P
High Voltage Ceramic Capacitors Commercial Grade
February 2013
More results

Similar Description - CD_SERIES

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FRJ-50 VISHAY-FRJ-50 Datasheet
133Kb / 2P
Metal Film Resistors, Industrial, Zero Ohm Jumper Resistor
01-Aug-02
logo
KOA Speer Electronics, ...
RK73Z1EL KOA-RK73Z1EL Datasheet
88Kb / 2P
zero ohm jumper chip resistor
CNZ1HAT KOA-CNZ1HAT Datasheet
98Kb / 2P
zero ohm jumper resistor array
Z16CT26A KOA-Z16CT26A Datasheet
89Kb / 2P
zero ohm jumpers
CNZ1J4ATTD KOA-CNZ1J4ATTD Datasheet
259Kb / 2P
zero ohm jumper resistor array
RK73Z2BTTD KOA-RK73Z2BTTD Datasheet
206Kb / 2P
zero ohm jumper chip resistor
Z16CT52A KOA-Z16CT52A Datasheet
223Kb / 2P
zero ohm jumpers
CC10 KOA-CC10 Datasheet
356Kb / 2P
zero ohm melf resistor
CNZ KOA-CNZ Datasheet
386Kb / 2P
zero ohm jumper resistor array
RK73Z KOA-RK73Z Datasheet
364Kb / 2P
zero ohm jumper chip resistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com