Electronic Components Datasheet Search
  English  ▼

X  

CSNL Datasheet(PDF) 4 Page - Stackpole Electronics, Inc.

Part # CSNL
Description  Metal Plate Current Sensing Chip Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

CSNL Datasheet(HTML) 4 Page - Stackpole Electronics, Inc.

  CSNL Datasheet HTML 1Page - Stackpole Electronics, Inc. CSNL Datasheet HTML 2Page - Stackpole Electronics, Inc. CSNL Datasheet HTML 3Page - Stackpole Electronics, Inc. CSNL Datasheet HTML 4Page - Stackpole Electronics, Inc. CSNL Datasheet HTML 5Page - Stackpole Electronics, Inc. CSNL Datasheet HTML 6Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Rev Date: 10/22/2020
4
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
CSNL Series
Metal Plate Current Sensing Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Taping Specifications – Embossed Plastic Tape
Type / Code
Quantity
Unit
0.072 ± 0.004 0.137 ± 0.004 0.315 ± 0.006 0.138 ± 0.004 0.069 ± 0.004 0.157 ± 0.004 inches
1.83 ± 0.10
3.48 ± 0.10
8.00 ± 0.15
3.50 ± 0.10
1.75 ± 0.10
4.00 ± 0.10
mm
0.114 ± 0.004 0.215 ± 0.004 0.472 ± 0.006 0.217 ± 0.004 0.069 ± 0.004 0.157 ± 0.004 inches
2.90 ± 0.10
5.45 ± 0.10
12.00 ± 0.15
5.50 ± 0.10
1.75 ± 0.10
4.00 ± 0.10
mm
0.134 ± 0.004 0.266 ± 0.004 0.472 ± 0.004 0.217 ± 0.002 0.069 ± 0.004 0.157 ± 0.004 inches
3.40 ± 0.10
6.75 ± 0.10
12.00 ± 0.10
5.50 ± 0.05
1.75 ± 0.10
4.00 ± 0.10
mm
0.134 ± 0.004 0.266 ± 0.004 0.472 ± 0.004 0.217 ± 0.002 0.069 ± 0.004 0.157 ± 0.004 inches
3.40 ± 0.10
6.75 ± 0.10
12.00 ± 0.10
5.50 ± 0.05
1.75 ± 0.10
4.00 ± 0.10
mm
2000
CSNL2010
0.0005 - 0.01
0.0005 - 0.00075
0.001 - 0.01
CSNL2512
CSNL2512
2000
2000
CSNL1206
0.001 - 0.05
4000
W
E
P0
Ohmic Value (Ω)
A
B
F
Recommended Lead Free Resistor Reflow Profile
Convection IR Reflow
Description
Maximum
Recommended
Minimum
Ramp Up (°C/sec)
3°C/sec
2°C/sec
*
Dwell Time > 217°C
150 seconds
90 seconds
60 seconds
Solder Temp.
260°C
245°C
*
Dwell Time at Max.
30 seconds
15 seconds
10 seconds
Ramp DN (°C/sec)
6°C/sec
3°C/sec
*



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com