Electronic Components Datasheet Search
  English  ▼

X  

ESD Datasheet(PDF) 1 Page - Stackpole Electronics, Inc.

Part # ESD
Description  Low and Ultra Low Capacitance ESD Suppressor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

ESD Datasheet(HTML) 1 Page - Stackpole Electronics, Inc.

  ESD Datasheet HTML 1Page - Stackpole Electronics, Inc. ESD Datasheet HTML 2Page - Stackpole Electronics, Inc. ESD Datasheet HTML 3Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev Date: 12/12/2019
1
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
ESD/ESDU Series
Low and Ultra Low Capacitance ESD Suppressor
Stackpole Electronics, Inc.
Resistive Product Solutions
0.039 ± 0.004
0.020 ± 0.002
0.014 ± 0.002
0.008 ± 0.004
0.010 ± 0.004
inches
1.00 ± 0.10
0.50 ± 0.05
0.35 ± 0.05
0.20 ± 0.10
0.25 ± 0.10
mm
0.061 ± 0.004
0.031 ± 0.004
0.018 ± 0.004
0.012 ± 0.008
0.012 ± 0.008
inches
1.55 ± 0.10
0.80 ± 0.10
0.45 ± 0.10
0.30 ± 0.20
0.30 ± 0.20
mm
L
W
H
a
b
ESD(U)02 (0402)
ESD(U)03 (0603)
Body Length
Body Width
Body Height
Top Termination
Bottom Termination
Type / Code
Unit
Features:
•
Very quick response time (< 1 nS)
•
ESDU series has ultra-low capacitance < 0.05 pF
•
Lower cost ESD series has capacitance < 0.2 pF
•
Ultra-low leakage current (< 1 nA)
•
No signal distortion
•
100% RoHS compliant and lead free without exemption
•
Halogen free
•
REACH compliant
Applications:
•
High speed data ports (USB 2.0, IEEE1394)
•
Notebook PC’s, cell phones, PDA’s
•
Digital cameras, printers, scanners
•
Plasma display panels, LCD TVs, HDTV’s
Electrical Specifications
Mechanical Specifications
ESD(U)02A3V3R17V
0402
ESD(U)03A3V3R17V
0603
ESD(U)02A3V3R25V
0402
ESD(U)03A3V3R25V
0603
ESD(U)02A5V5R17V
0402
ESD(U)03A5V5R17V
0603
ESD(U)02A5V5R25V
0402
ESD(U)03A5V5R25V
0603
ESD(U)02A12VR25V
0402
ESD(U)03A12VR25V
0603
ESD(U)02A24VR25V
0402
ESD(U)03A24VR25V
0603
1. ESD capability meets the requirements of IEC 61000-4-2.
2. Trigger measurement made using Transmission Line Pulse Method.
3. Capacitance measured from 1 MHz - 1.8 GHz.
4. Under IEC 61000-4-2 level 4 (8 kV contact discharge, 15 kV air discharge).
ESD Pulse
Withstand
(Typical)
(4)
Capacitance
(3)
Clamping
Voltage
(V) (Typical)
> 1000 pulses
24
17
25
250
25
3.3
5.5
12
ESDU Series
Trigger
Voltage
(V) (Typical)
(2)
150
17
Type
Package
Size
Continuous
Operating
Voltage
(VDC) (Max)
ESD
Capability
(1)
Direct Discharge: 8 kV
Air Discharge: 15 kV
250
25
150
250
< 0.05 pF
Leakage
Current
(Typical)
Response
Time
ESD Series
< 0.2 pF
< 1 nA
< 1 nS


Similar Part No. - ESD

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
ESD EATON-ESD Datasheet
88Kb / 4P
ESD BS88 Offset blade tags
logo
Nexperia B.V. All right...
ESD NEXPERIA-ESD Datasheet
1Mb / 2P
TrEOS ESD protection for Automotive Infotainment & SerDes
April 2021
logo
AG Electronica
ESD-00 AGELECTRONICA-ESD-00 Datasheet
272Kb / 1P
PINCETA ANTIESTATICA DE FIBRA DE CARBONO
15/05/2023
ESD-10 AGELECTRONICA-ESD-10 Datasheet
268Kb / 1P
PINCETA DE PUNTA DE ACERO INOXIDABLE ANTIESTATICA 110MM
14/11/2022
ESD-11 AGELECTRONICA-ESD-11 Datasheet
292Kb / 2P
PINCETA RECTA ANTIESTATICA DE PRECISION
16/05/2023
More results

Similar Description - ESD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZA900AVL PHILIPS-BZA900AVL Datasheet
85Kb / 11P
Quadruple low capacitance ESD suppressor
2003 Oct 20
logo
Comchip Technology
CLCS145V0-G COMCHIP-CLCS145V0-G Datasheet
52Kb / 1P
Low Capacitance Bidirectional ESD / Transient Suppressor
logo
NXP Semiconductors
BZA800AVL NXP-BZA800AVL Datasheet
191Kb / 11P
Quadruple low capacitance ESD suppressor
2003 Oct 20
BZA900AVL NXP-BZA900AVL Datasheet
177Kb / 11P
Quadruple low capacitance ESD suppressor
2003 Oct 20
logo
Thinking Electronic Ind...
LCP0G050M0R2R THINKING-LCP0G050M0R2R Datasheet
171Kb / 7P
Ultra-Low Capacitance ESD Suppressor for High-Speed Application
logo
NXP Semiconductors
BZA856AVL PHILIPS-BZA856AVL Datasheet
191Kb / 11P
Quadruple low capacitance ESD suppressor
2003 Oct 20
BZA900AVL PHILIPS-BZA900AVL_15 Datasheet
177Kb / 11P
Quadruple low capacitance ESD suppressor
2003 Oct 20
logo
Nexperia B.V. All right...
BZA800AVL_SERIES NEXPERIA-BZA800AVL_SERIES Datasheet
220Kb / 12P
Quadruple low capacitance ESD suppressor
2003 Oct 20
BZA800AVL_SER NEXPERIA-BZA800AVL_SER Datasheet
220Kb / 12P
Quadruple low capacitance ESD suppressor
2003 Oct 20
BZA900AVL_SER NEXPERIA-BZA900AVL_SER Datasheet
389Kb / 12P
Quadruple low capacitance ESD suppressor
2003 Oct 20
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com