Electronic Components Datasheet Search
  English  ▼

X  

EWT Datasheet(PDF) 2 Page - Stackpole Electronics, Inc.

Part # EWT
Description  Non-Flammable Edgewound Tubular Wirewound Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

EWT Datasheet(HTML) 2 Page - Stackpole Electronics, Inc.

  EWT Datasheet HTML 1Page - Stackpole Electronics, Inc. EWT Datasheet HTML 2Page - Stackpole Electronics, Inc. EWT Datasheet HTML 3Page - Stackpole Electronics, Inc. EWT Datasheet HTML 4Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev Date: 08/12/2020
2
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
EWT Series
Non-Flammable Edgewound Tubular Wirewound Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Hardware:
•
Sturdy plated steel brackets, thru-bolts, centering washers, and insulating washers
•
Brackets provide elongated mounting holes for ease of mounting
Metal Centering Washer
Mica Insulating Washer
Mounting Brackets Mechanical Specifications
Bolts and Washers Mechanical Specifications
1.000
0.750
0.500
0.219
0.438
0.177
inches
25.40
19.05
12.70
5.56
11.13
4.50
mm
1.000
0.750
0.500
0.219
0.438
0.315
inches
25.40
19.05
12.70
5.56
11.13
8.00
mm
1.000
0.750
0.500
0.219
0.438
0.315
inches
25.40
19.05
12.70
5.56
11.13
8.00
mm
1.500
0.875
1.250
0.281
0.563
0.354
inches
38.10
22.23
31.75
7.14
14.30
9.00
mm
F
100
225
E
Unit
C
D
25
Resistor Power Rating
(W)
A
B
50
0.563
2.008
2.500
0.560
0.190
0.750
0.313
inches
14.30
51.00
63.50
14.22
4.83
19.05
7.95
mm
0.563
4.016
4.750
0.560
0.190
0.750
0.313
inches
14.30
102.00
120.65
14.22
4.83
19.05
7.95
mm
0.752
6.496
7.000
0.750
0.190
1.000
0.500
inches
19.10
165.00
177.80
19.05
4.83
25.40
12.70
mm
1.126
10.512
11.250
1.125
0.250
1.500
0.750
inches
28.60
267.00
285.75
28.58
6.35
38.10
19.05
mm
Resistor Power Rating
(W)
OD
Core
Length
Bolt
Length
Unit
C
D
A
B
Bolt No.
25
50
225
100
0.25"
10
10
10



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com