Electronic Components Datasheet Search
  English  ▼

X  

HCJ Datasheet(PDF) 2 Page - Stackpole Electronics, Inc.

Part # HCJ
Description  Surface Mount High Current Jumper Chip Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

HCJ Datasheet(HTML) 2 Page - Stackpole Electronics, Inc.

  HCJ Datasheet HTML 1Page - Stackpole Electronics, Inc. HCJ Datasheet HTML 2Page - Stackpole Electronics, Inc. HCJ Datasheet HTML 3Page - Stackpole Electronics, Inc. HCJ Datasheet HTML 4Page - Stackpole Electronics, Inc. HCJ Datasheet HTML 5Page - Stackpole Electronics, Inc. HCJ Datasheet HTML 6Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Rev Date: 6/29/2021
2
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
HCJ Series
Surface Mount High Current Jumper Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Power Derating Curve:
Performance Characteristics
Test
Test Method
Test Specification
Test Condition
Span between fulcrums: 90mm
Bend width: 2mm
Operating temperature range is -55°C to 155°C
Mechanical Shock
JIS C-5202
clause 6.7
a = 50 G, t = 11 ms, 5 times shock
Solderability
JIS C-5201-1
clause 4.17
Solder shall cover 95% or more
of the electrode area
245ºC ± 5°C for 3 ± 0.5 seconds
For size 0402, max. 0.003 Ω
All other sizes, max. 0.0005 Ω
JIS C-5201-1
clause 4.33
Substrate Bending
-55°C to +155°C, 100 cycles
Load Life
JIS C-5201-1
clause 4.25
Apply rated power at 70°C ± 2°C for 1000 hours
with 1.5 hours "ON" and 0.5 hour "OFF"
JIS C-5201-1
clause 4.24
Moisture Load Life
Low Temperature
Storage
JIS C 5201-1
clause 4.23.4
1000 hours at -55°C ± 2°C
Temperature cycling
JIS C-5201-1
clause 4.19
Resistance to
Solder Heat
JIS C-5201-1
clause 4.18
The part shall be immersed into the flux specified in the
solder bath 260°C ± 5°C for 10 ± 1 seconds
Specimens shall be placed in a chamber and subject to
a relative humidity of 90~95% and to a temperature of
40°C ± 2°C. Load with rated current 1.5 hours "ON", 0.5
hours "OFF", for the period of 1000 hours.
2.5 times of rated current
Rating power duration: 5 seconds
Short Time Overload
JIS C-5201-1
clause 4.13
High Temperature
Exposure
JIS C-5201-1
clause 4.23.2
1000 hours at 155°C ± 2°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com