Electronic Components Datasheet Search
  English  ▼

X  

HDM Datasheet(PDF) 1 Page - Stackpole Electronics, Inc.

Part # HDM
Description  Moisture Resistant Carbon Film Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

HDM Datasheet(HTML) 1 Page - Stackpole Electronics, Inc.

  HDM Datasheet HTML 1Page - Stackpole Electronics, Inc. HDM Datasheet HTML 2Page - Stackpole Electronics, Inc. HDM Datasheet HTML 3Page - Stackpole Electronics, Inc. HDM Datasheet HTML 4Page - Stackpole Electronics, Inc. HDM Datasheet HTML 5Page - Stackpole Electronics, Inc. HDM Datasheet HTML 6Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev Date: 10/22/2020
1
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
HDM Series
Moisture Resistant Carbon Film Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Features:
•
Specialized materials, processes and controls ensure a part that is impervious
to moisture
•
Small size with high power density
•
Auto sequencing / insertion capable
•
Low cost replacement in many applications using metal glaze resistors
•
100% RoHS compliant and lead free without exemption
•
Halogen free
•
REACH compliant
Electrical Specifications
Mechanical Specifications
0.126
0.071 ± 0.008
1.102 ± 0.118
0.018 ± 0.002
inches
3.20
1.80 ± 0.20
28.00 ± 3.00
0.45 ± 0.05
mm
0.236 ± 0.012
0.094 ± 0.008
1.102 ± 0.118
0.024 ± 0.001
inches
6.00 ± 0.30
2.40 ± 0.20
28.00 ± 3.00
0.60 ± 0.02
mm
HDM12
Type / Code
Unit
HDM14
A
B
Body Diameter
Body Length
C
Lead Length (Bulk)
D
Lead Diameter
+0.008 / -0
+0.20 / -0
Performance Characteristics
Maximum
Maximum
Type / Code
Working
Overload
Voltage (V)
(1)
Voltage (V)
1%, 2%, 5%
HDM14
0.25
300
600
HDM12
0.5
350
700
Power Rating (W)
@ 70ºC
Ohmic Range (
Ω) and Tolerance
(1) Lesser of
or maximum working voltage.
1 - 2.2M
√ P*R
Test
Performance or Quality Acceptance
Test Condition and Method
R < 100K Ω: -500 ~ +350 ppm/ºC
100K Ω ≤ R < 1 M Ω: -700 ~ 0 ppm/ºC
R ≥ 1 M Ω: -1500 ~ 0 ppm/ºC
Change of resistance
≤ ± (0.75% + 0.05 Ω)
Change of resistance
R < 100K Ω: ≤ ± (3% + 0.05 Ω)
R ≥ 100K Ω: ≤ ± (5% + 0.05 Ω)
Change of resistance
R < 100K Ω: ≤ ± (2% + 0.05 Ω)
R ≥ 100K Ω: ≤ ± (3% + 0.05 Ω)
Change of resistance
≤ ± (20% + 0.05 Ω)
Reference standards: JIS C5201-1, IEC60115-1
Measure resistance (R0) at room temperature (t),
after that, measure again the resistance (R) at
100ºC higher than room temperature.
TCR - Temperature Coefficient of
Resistance
Apply the 2.5 times rated voltage or max overload
voltage whichever is lower for 5 seconds and leave
in room temperature for one hour after test.
Overload (Short Time)
Operating temperature range is -55ºC to +155ºC
121ºC, 2 atm, 98 - 100% R.H.
Apply the rated DC voltage for 100 hours.
Pressure Cooker Bias Test
In the chamber having temperature 40 ± 2ºC and
relative humidity 93 ± 3%, apply one percent of the
power rating, 1.5 hour ON, 0.5 hour OFF for
1000 hours and leave in room temperature for
one hour after test.
Damp heat (Steady State)
At 70 ± 2ºC, apply rated DC voltage 1.5 hour ON,
0.5 hour OFF for 1000 hours and leave in room
temperature for one hour after test.
Load Life
R - R0
10
6
R0
(t + 100) - t
TCR =
x
(ppm/ºC)


Similar Part No. - HDM

ManufacturerPart #DatasheetDescription
logo
Lanner All Rights Reser...
HDM-1006 LANNER-HDM-1006 Datasheet
362Kb / 1P
1U Storage Blade with 6x NVMe SSD Trays for HTCA-6000 Series
V1-2022,8,19
HDM-1006A LANNER-HDM-1006A Datasheet
362Kb / 1P
1U Storage Blade with 6x NVMe SSD Trays for HTCA-6000 Series
V1-2022,8,19
logo
Zoran Corporation
HDM-R1 ZORAN-HDM-R1 Datasheet
296Kb / 2P
HDMI Receiver IP Core
HDM-T1 ZORAN-HDM-T1 Datasheet
261Kb / 2P
HDMI Transmitter IP Core
logo
HITRON ELECTRONICS CORP...
HDM07-12D-D03 HITRON-HDM07-12D-D03 Datasheet
138Kb / 2P
ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 7.5WATTS SINGLE & DUAL OUTPUT
More results

Similar Description - HDM

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
RD412AT KOA-RD412AT Datasheet
95Kb / 2P
fixed carbon film melf resistor
SPR1CT26 KOA-SPR1CT26 Datasheet
103Kb / 2P
power carbon film leaded resistor
logo
MERITEK ELECTRONICS COR...
CFM MERITEK-CFM Datasheet
464Kb / 2P
Carbon Film MELF Resistor
logo
KOA Speer Electronics, ...
SPR12CT52R103J KOA-SPR12CT52R103J Datasheet
269Kb / 2P
power carbon film leaded resistor
logo
UNIOHM CORPORATION
CM-16 UNIOHM-CM-16 Datasheet
299Kb / 3P
Carbon Film MELF Resistor
logo
List of Unclassifed Man...
0207 ETC2-0207 Datasheet
627Kb / 1P
Carbon Film Resistor
logo
Vishay Siliconix
RCWPMR VISHAY-RCWPMR Datasheet
97Kb / 4P
Thick Film Chip Resistors, Industrial, Moisture Resistant
21-Feb-14
logo
ZF Friedrichshafen AG
E72 ZFSWITCHES-E72 Datasheet
2Mb / 2P
Moisture resistant
logo
Stackpole Electronics, ...
CFM SEI-CFM Datasheet
713Kb / 11P
Carbon Film Resistor
3/3/2022
RNCS SEI-RNCS Datasheet
449Kb / 7P
Moisture Resistant Precision Thin Film Chip Resistor
8/24/2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com