Electronic Components Datasheet Search
  English  ▼

X  

HPC Datasheet(PDF) 3 Page - Stackpole Electronics, Inc.

Part # HPC
Description  High Power Surface Mount Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

HPC Datasheet(HTML) 3 Page - Stackpole Electronics, Inc.

  HPC Datasheet HTML 1Page - Stackpole Electronics, Inc. HPC Datasheet HTML 2Page - Stackpole Electronics, Inc. HPC Datasheet HTML 3Page - Stackpole Electronics, Inc. HPC Datasheet HTML 4Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev Date: 05/12/2016 (DISCONTINUED)
3
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
HPC Series (DISCONTINUED)
High Power Surface Mount Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
1
2
3
4
5
6
7
8
9
10
11
H
P
C
1
2
J
T
1
K
0
0
Code
Nominal Resistance
Tolerance
12
1K
5%
Type
Description
Code
Tolerance
Types
Qty
Description
Code
HPC
High Power SMD
12
1%
200
Tape
R
5%
100
Bulk
B
HPC12
HPC
R
SEI Type
Packaging
HPC
Quantity
200
100
100 Kohm = 100K
Size
0.025 ohm = 25L0
0.125 ohm = R125
Four characters with the
multiplier used as
the decimal holder.
12
1%
Bulk
0.1 ohm = R100
Tape
Resistance Value
"L" used as multiplier of 10
-3
for any value under 0.1 ohm.
12W
Code
Packaging
Tol
J
5%
B
F
High Power SMD
T
12
Product Series
Size
Power
Tolerance
Code
Description
Legacy Part Number (before January 3, 2011):
How to Order



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com