Electronic Components Datasheet Search
  English  ▼

X  

HPC12 Datasheet(PDF) 1 Page - Stackpole Electronics, Inc.

Part # HPC12
Description  High Power Surface Mount Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

HPC12 Datasheet(HTML) 1 Page - Stackpole Electronics, Inc.

  HPC12 Datasheet HTML 1Page - Stackpole Electronics, Inc. HPC12 Datasheet HTML 2Page - Stackpole Electronics, Inc. HPC12 Datasheet HTML 3Page - Stackpole Electronics, Inc. HPC12 Datasheet HTML 4Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev Date: 05/12/2016 (DISCONTINUED)
1
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
HPC Series (DISCONTINUED)
High Power Surface Mount Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
L
W
H
b
Body Length
Body Width
Body Height
Bottom Termination
0.48
0.50
0.40
0.11
inches
12.19
12.70
10.16
2.79
mm
Type / Code
Unit
HPC12
Power Rating
Power Rating
Maximum
Maximum
Type / Code
(Watts) @ 40ºC
(Watts) @ 40ºC
Working
Overload
Inductance
w/400 LFM air flow
no air flow
Voltage
Voltage
1%, 5%
HPC12
12W
5W
200V
400V
1,500V
<2nH
±150 ppm/ºC
0.025 - 250K
Resistance
Temperature
Coefficient
Dielectric
Strength
Ohmic Range (
Ω)
and Tolerance
The HPC series represents a breakthrough in functional design, thermal management
and end-user benefits.
Borrowing from long-proven techniques used in power
semiconductors, the HPC series provides up to eight times more useful power than SMD
power resistors currently available.
The HPC series, through superior characterization, is intended to remove the
mystery of managing board level power by combining established techniques in
new ways. The result is superior technology in design options, in a cost effective
package.
Features:
Please refer to the High Power Resistor Application Note (page 4) for more information on designing and
implementing high power resistor types.
•
Up to 12W with no external heat sinks
•
Compatible with conventional pick and place
•
Only 0.5 x 0.5 PCB footprint
•
Non-inductive resistive element
•
Anodized heat sink top provides 800V voltage
withstanding
•
Up to 50W for short duration
•
Stackpole patent no. US 7,286,358 B2
•
Available in 1% and 5% tolerance
•
RoHS compliant
Mechanical Specifications
Electrical Specifications


Similar Part No. - HPC12

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
HPC12 KOA-HPC12 Datasheet
344Kb / 3P
ceramic fixed power type leaded resistor
HPC12 KOA-HPC12 Datasheet
230Kb / 2P
RESISTANCE TO POWER SURGE
HPC12 KOA-HPC12 Datasheet
344Kb / 3P
ceramic fixed power type leaded resistor
HPC12C102K KOA-HPC12C102K Datasheet
344Kb / 3P
ceramic fixed power type leaded resistor
HPC12C471K KOA-HPC12C471K Datasheet
344Kb / 3P
ceramic fixed power type leaded resistor
More results

Similar Description - HPC12

ManufacturerPart #DatasheetDescription
logo
Bi technologies
SMP100J BITECH-SMP100J Datasheet
1Mb / 2P
SURFACE MOUNT MOULDED POWER RESISTOR
logo
IRC - a TT electronics ...
CR0805F1000FT IRCTT-CR0805F1000FT Datasheet
307Kb / 3P
Surface Mount Resistor
HR0805F1000KT IRCTT-HR0805F1000KT Datasheet
182Kb / 2P
High Value Surface Mount Resistor
95011-2213-F-BLK IRCTT-95011-2213-F-BLK Datasheet
145Kb / 2P
High Reliability Surface Mount Resistor
MRC1-50-1000-C-BLK IRCTT-MRC1-50-1000-C-BLK Datasheet
206Kb / 2P
Metal Glaze High Power Density Surface Mount Power Resistor
logo
Vishay Siliconix
D2TO20 VISHAY-D2TO20_V01 Datasheet
137Kb / 6P
Surface Mount Power Resistor Thick Film Technology
15-Feb-2022
logo
RFE international
RM02 RFE-RM02 Datasheet
1Mb / 5P
Surface Mount Resistor
DEC-01-2023
RMHV RFE-RMHV Datasheet
1Mb / 5P
SURFACE MOUNT RESISTOR
2022.01.19
RMQ RFE-RMQ Datasheet
270Kb / 4P
SURFACE MOUNT RESISTOR
2015.04.15
RMV RFE-RMV Datasheet
705Kb / 4P
SURFACE MOUNT RESISTOR
2017.12.21
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com