Electronic Components Datasheet Search
  English  ▼

X  

KAL Datasheet(PDF) 1 Page - Stackpole Electronics, Inc.

Part # KAL
Description  Aluminum Housed Chassis Mount Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

KAL Datasheet(HTML) 1 Page - Stackpole Electronics, Inc.

  KAL Datasheet HTML 1Page - Stackpole Electronics, Inc. KAL Datasheet HTML 2Page - Stackpole Electronics, Inc. KAL Datasheet HTML 3Page - Stackpole Electronics, Inc. KAL Datasheet HTML 4Page - Stackpole Electronics, Inc. KAL Datasheet HTML 5Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev Date: 2/26/2021
1
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
KAL Series
Aluminum Housed Chassis Mount Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Features:
•
Aluminum housing for maximum heat dissipation
•
Complete welded construction
•
10
– 50W tinned copper terminals
•
100
– 250W threaded terminals
•
Centerless ground steatite or alumina cores
•
Molded epoxy body for heat transfer
•
Non-inductive winding available (NKAL)
•
Suitable for electrical component grade wash process and can be conformally coated or potted
•
100% RoHS compliant and lead free without exemption
•
Halogen free
•
REACH compliant
Electrical Specifications
Mechanical Specifications
– KAL/NKAL10, 25, 50
Type
Unit
0.562 ± 0.005
0.625 ± 0.005
0.750 ± 0.031
1.375 ± 0.062
0.420 ± 0.015
0.800 ± 0.015
0.390 ± 0.031
inches
14.27 ± 0.13
15.88 ± 0.13
19.05 ± 0.79
34.93 ± 1.57
10.67 ± 0.38
20.32 ± 0.38
9.91 ± 0.79
mm
0.719 ± 0.005
0.781 ± 0.005
1.062 ± 0.031
1.938 ± 0.062
0.550 ± 0.015
1.080 ± 0.015
0.546 ± 0.031
inches
18.26 ± 0.13
19.84 ± 0.13
26.97 ± 0.79
49.23 ± 1.57
13.97 ± 0.38
27.43 ± 0.38
13.87 ± 0.79
mm
1.563 ± 0.005
0.844 ± 0.005
1.968 ± 0.031
2.781 ± 0.062
0.630 ± 0.015
1.140 ± 0.015
0.610 ± 0.031
inches
39.70 ± 0.13
21.44 ± 0.13
49.99 ± 0.79
70.64 ± 1.57
16.00 ± 0.38
28.96 ± 0.38
15.49 ± 0.79
mm
Type
Unit
0.075 ± 0.010
0.190 ± 0.015
0.093 ± 0.010
0.093 ± 0.005
0.102 ± 0.015
0.086 ± 0.005
0.312 ± 0.062
inches
1.91 ± 0.25
4.83 ± 0.38
2.36 ± 0.25
2.36 ± 0.13
2.59 ± 0.38
2.18 ± 0.13
7.92 ± 1.57
mm
0.088 ± 0.010
0.260 ± 0.015
0.172 ± 0.010
0.125 ± 0.005
0.115 ± 0.015
0.086 ± 0.005
0.438 ± 0.062
inches
2.24 ± 0.25
6.60 ± 0.38
4.37 ± 0.25
3.18 ± 0.13
2.92 ± 0.38
2.18 ± 0.13
11.13 ± 1.57
mm
0.088 ± 0.010
0.300 ± 0.015
0.196 ± 0.010
0.125 ± 0.005
0.107 ± 0.015
0.086 ± 0.005
0.410 ± 0.062
inches
2.24 ± 0.25
7.62 ± 0.38
4.98 ± 0.25
3.18 ± 0.13
2.72 ± 0.38
2.18 ± 0.13
10.41 ± 1.57
mm
N
P
F
G
KAL/NKAL25
C
D
E
L
M
KAL/NKAL10
KAL/NKAL25
KAL/NKAL50
A
B
KAL/NKAL50
H
J
K
KAL/NKAL10
Dielectric
Withstanding
Commercial
MIL
Voltage (VAC)
KAL10
RE-65
12.5
10
1000
0.05 - 30K
KAL25
RE-70
25
20
0.05 - 51.1K
KAL50
RE-75
50
30
0.05 - 150K
KAL100
RE-77
100
75
1 - 500
0.1 - 3K
KAL250
RE-80
250
120
0.1 - 3K
NKAL10
12.5
1000
0.05 - 15K
NKAL25
25
0.05 - 24.9K
NKAL50
50
0.05 - 75K
NKAL100
100
1 - 249
0.1 - 1.5K
NKAL250
250
0.1 - 1.5K
Power Rating (W)
@ 25 °C
2500
TCR (ppm/ºC)
Ohmic Range (
Ω) and Tolerance
1%, 3%, 5%
1 -
0.5%
- 1 K
0.1%
1 K
3000
1
MIL-R-26
Ref.
Type / Code
-
-
1 - 499
1 - 499
-
-
2500
-
-
3000
< 0.1 Ω = ±100 ppm
0.1 Ω - 9.9 Ω = ±50 ppm
10 Ω - 49 Ω = ±30 ppm
> 50 Ω = ±20 ppm


Similar Part No. - KAL

ManufacturerPart #DatasheetDescription
logo
Kepont Electronics, Inc...
KAL-D06 KEPONT-KAL-D06 Datasheet
352Kb / 3P
Miniature, Low Cost, LCD,8 Digit Electronic Counter
09/10/14
KAL-D06AC/DC KEPONT-KAL-D06AC/DC Datasheet
352Kb / 3P
Miniature, Low Cost, LCD,8 Digit Electronic Counter
09/10/14
KAL-DQUAD06 KEPONT-KAL-DQUAD06 Datasheet
352Kb / 3P
Miniature, Low Cost, LCD,8 Digit Electronic Counter
09/10/14
logo
Kyocera Kinseki Corpota...
KAL02CCG1E103AH KSS-KAL02CCG1E103AH Datasheet
430Kb / 3P
0201 6.3 V X7T 1uF ±10%
16.02.2023
KAL02CCG1E103AM KSS-KAL02CCG1E103AM Datasheet
430Kb / 3P
0201 6.3 V X7T 1uF ±10%
16.02.2023
More results

Similar Description - KAL

ManufacturerPart #DatasheetDescription
logo
RFE international
NRHA250W-10R-J RFE-NRHA250W-10R-J Datasheet
95Kb / 1P
POWER RESISTORS RHA Series: Aluminum Housed Resistor
logo
List of Unclassifed Man...
KALSERIES ETC-KALSERIES Datasheet
285Kb / 3P
Aluminum Housed Surface Mount Resistor
logo
Vishay Siliconix
RH050270R0FE02 VISHAY-RH050270R0FE02 Datasheet
198Kb / 5P
Wirewound Resistors, Industrial Power, Aluminum Housed, Chassis Mount
22-Jun-12
logo
List of Unclassifed Man...
MC14730 ETC2-MC14730 Datasheet
281Kb / 1P
RoHS Compliant Chassis Mount Aluminum Hosed Resistor
logo
Vishay Siliconix
RH025R2000 VISHAY-RH025R2000 Datasheet
195Kb / 5P
Wirewound Resistors, Industrial Power, Aluminum Housed, Chassis Mount
23-May-13
TMC VISHAY-TMC Datasheet
196Kb / 5P
Wirewound Resistors, Industrial Power, Aluminum Housed, Chassis Mount
23-Jun-16
logo
Stackpole Electronics, ...
LVM SEI-LVM Datasheet
250Kb / 4P
Ceramic Housed Vertical Mount Resistor
11/30/2020
MVM SEI-MVM Datasheet
255Kb / 4P
Ceramic Housed Vertical Mount Resistor
3/16/2021
logo
Vishay Siliconix
VACR VISHAY-VACR_V01 Datasheet
124Kb / 5P
Aluminum Housed Compact Wirewound Resistor
08-May-14
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com