Electronic Components Datasheet Search
  English  ▼

X  

KAL10 Datasheet(PDF) 2 Page - Stackpole Electronics, Inc.

Part # KAL10
Description  Aluminum Housed Chassis Mount Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

KAL10 Datasheet(HTML) 2 Page - Stackpole Electronics, Inc.

  KAL10 Datasheet HTML 1Page - Stackpole Electronics, Inc. KAL10 Datasheet HTML 2Page - Stackpole Electronics, Inc. KAL10 Datasheet HTML 3Page - Stackpole Electronics, Inc. KAL10 Datasheet HTML 4Page - Stackpole Electronics, Inc. KAL10 Datasheet HTML 5Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev Date: 2/26/2021
2
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
KAL Series
Aluminum Housed Chassis Mount Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Mechanical Specifications
– KAL/NKAL100
Mechanical Specifications
– KAL/NKAL250
Type
Unit
2.717 ± 0.079
2.362 ± 0.039
3.504 ± 0.039
5.315 ± 0.039
1.811 ± 0.039
2.756 ± 0.039
inches
69.00 ± 2.00
60.00 ± 1.00
89.00 ± 1.00
135.00 ± 1.00
46.00 ± 1.00
70.00 ± 1.00
mm
Unit
1.752 ± 0.039
0.187 ± 0.031
0.748 ± 0.020
0.197 ± 0.012
0.906 ± 0.079
inches
44.50 ± 1.00
4.75 ± 0.79
19.00 ± 0.50
5.00 ± 0.30
23.00 ± 2.00
mm
P
F
A
B
C
D
E
KAL/NKAL100
G
H
J
L
Type
Unit
3.858 ± 0.079 2.520 ± 0.039
4.488 ± 0.039
6.102 ± 0.039
2.087 ± 0.039
3.031 ± 0.039
2.185 ± 0.039
inches
98.00 ± 2.00
64.00 ± 1.00
114.00 ± 1.00
155.00 ± 1.00
53.00 ± 1.00
77.00 ± 1.00
55.50 ± 1.00
mm
Unit
0.250 ± 0.031 0.984 ± 0.020
0.197 ± 0.012
0.827 ± 0.079
inches
6.35 ± 0.79
25.00 ± 0.50
5.00 ± 0.30
21.00 ± 2.00
mm
G
H
J
L
P
R
S
A
B
C
D
E
F
KAL/NKAL250
22.00
78.00
0.866
3.071
Performance Characteristics
Test
Test Condition
Result
Short Time Overload
5 X wattage rating - 5 seconds
∆R ± (0.5% + 0.05 Ω) MAX
Moisture Resistance
Temp 40ºC moisture 95% CDC 100V for 500 hours
∆R ± (0.5% + 0.05 Ω) MAX
Load rating (chasis is mounted)
1.5 hours ON, 0.5 hours OFF. Repeated for 1000 hours
Load Life
∆R ± (1.5% + 0.05 Ω) MAX
Operating temperature range is -55°C to +275°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com