Electronic Components Datasheet Search
  English  ▼

X  

LCB Datasheet(PDF) 1 Page - Stackpole Electronics, Inc.

Part # LCB
Description  Ceramic Housed Current Sensing Resistor with 2 Leads
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

LCB Datasheet(HTML) 1 Page - Stackpole Electronics, Inc.

  LCB Datasheet HTML 1Page - Stackpole Electronics, Inc. LCB Datasheet HTML 2Page - Stackpole Electronics, Inc. LCB Datasheet HTML 3Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev Date: 11/30/2020
1
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
LCB Series
Ceramic Housed Current Sensing Resistor with 2 Leads
Stackpole Electronics, Inc.
Resistive Product Solutions
Features:
•
Fireproof construction
•
Low temperature coefficient
•
Low resistance value ceramic encased resistor
•
All welded termination
•
100% RoHS compliant and lead free without exemption
•
Halogen free
•
REACH compliant
•
Formed leads possible on some sizes – contact Stackpole
•
See CB datasheet for performance and environmental
specifications
Resistance measured 3/8” from the body
Alternate Configuration Series LCBF:
Electrical Specifications
Mechanical Specifications
Type / Code
Unit
0.709 ± 0.039
0.157 ± 0.020
0.276 ± 0.020
0.031 ± 0.002
0.197 +
inches
18.00 ± 1.00
4.00 ± 0.50
7.00 ± 0.50
0.80 ± 0.05
5.00 +
mm
0.874 ± 0.031
0.311 ± 0.031
0.311 ± 0.031
0.032 ± 0.002
0.374 ± 0.031
inches
22.20 ± 0.80
7.90 ± 0.80
7.90 ± 0.80
0.81 ± 0.05
9.50 ± 0.80
mm
0.874 ± 0.031
0.374 ± 0.031
0.374 ± 0.031
0.032 ± 0.002
0.437 ± 0.031
inches
22.20 ± 0.80
9.50 ± 0.80
9.50 ± 0.80
0.81 ± 0.05
11.10 ± 0.80
mm
1.402 ± 0.031
0.374 ± 0.031
0.374 ± 0.031
0.036 ± 0.002
0.500 ± 0.031
inches
35.60 ± 0.80
9.50 ± 0.80
9.50 ± 0.80
0.91 ± 0.05
12.70 ± 0.80
mm
1.874 ± 0.031
0.374 ± 0.031
0.374 ± 0.031
0.036 ± 0.002
0.500 ± 0.031
inches
47.60 ± 0.80
9.50 ± 0.80
9.50 ± 0.80
0.91 ± 0.05
12.70 ± 0.80
mm
1.874 ± 0.031
0.500 ± 0.031
0.500 ± 0.031
0.036 ± 0.002
0.626 ± 0.031
inches
47.60 ± 0.80
12.70 ± 0.80
12.70 ± 0.80
0.91 ± 0.05
15.90 ± 0.80
mm
LCB7
LCB10
LCB15
E (LCBF only)
D
C
A
B
LCBF2
LCB3
LCB5
1.00 / -0.50
0.039 / -0.020
1%
5%
10%
LCBF2
2
±200
-
0.05 - 0.33
-
LCB3
3
LCB5
5
LCB7
7
LCB10
10
LCB15
15
(1) TCR is value dependent. Please contact Stackpole for specific data.
Max Voltage Rating =
Power Rating (W)
@ 70ºC
Ohmic Range (Ω) and Tolerance
0.01 - 0.15
TCR (ppm/ºC)
(1)
±50 to ±400
0.005 - 0.1
0.01 - 0.2
Type / Code
√ P*R


Similar Part No. - LCB

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
LCB A6SG-V1AB-2J8L AMSOSRAM-LCB A6SG-V1AB-2J8L Datasheet
1Mb / 24P
SIDELED®
Version 1.2 2020-06-01
LCB CRBP-JYKZ-3B6B-8E8G AMSOSRAM-LCB CRBP-JYKZ-3B6B-8E8G Datasheet
1Mb / 24P
OSLON® Signal
Version 1.10 2023-09-14
LCB G6SP-DBFA-4J5L AMSOSRAM-LCB G6SP-DBFA-4J5L Datasheet
1Mb / 22P
Advanced Power TOPLED®
Version 1.2 2020-06-29
LCB M67C-R2S2-2J8L-1 AMSOSRAM-LCB M67C-R2S2-2J8L-1 Datasheet
1Mb / 24P
Mini TOPLED®
Version 1.5 2022-08-04
LCB M67D-S2U1-2J8L-S6Z6-5 AMSOSRAM-LCB M67D-S2U1-2J8L-S6Z6-5 Datasheet
1Mb / 24P
Mini TOPLED®
Version 1.3 2024-02-12
More results

Similar Description - LCB

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
UR73D1ET KOA-UR73D1ET Datasheet
131Kb / 4P
Current Sensing Chip Resistor
logo
MERITEK ELECTRONICS COR...
CSR MERITEK-CSR Datasheet
389Kb / 7P
Current Sensing Chip Resistor
logo
Riedon Powertron
CLSA0402 RIEDON-CLSA0402 Datasheet
172Kb / 2P
Current Sensing Chip Resistor
logo
STMicroelectronics
STBCFG01 STMICROELECTRONICS-STBCFG01 Datasheet
1Mb / 37P
Integrated current sensing resistor
April 2016 Rev 3
logo
Stackpole Electronics, ...
CSRF SEI-CSRF Datasheet
452Kb / 11P
Foil on Ceramic Current Sensing Chip Resistor
6/28/2022
LVM SEI-LVM Datasheet
250Kb / 4P
Ceramic Housed Vertical Mount Resistor
11/30/2020
MCB SEI-MCB Datasheet
329Kb / 4P
Ceramic Housed with Axial Leads Power Resistor
4/13/2021
MVM SEI-MVM Datasheet
255Kb / 4P
Ceramic Housed Vertical Mount Resistor
3/16/2021
NSZ SEI-NSZ Datasheet
319Kb / 6P
Ceramic Housed Wirewound Resistor with Specialty Leads
02/17/2021
TCB SEI-TCB Datasheet
235Kb / 4P
Ceramic Housed Current Sensing Resistor with 4 Leads
11/30/2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com