Electronic Components Datasheet Search
  English  ▼

X  

MLFA Datasheet(PDF) 12 Page - Stackpole Electronics, Inc.

Part # MLFA
Description  Metal Film Melf Resistor - AEC-Q200 Qualified
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

MLFA Datasheet(HTML) 12 Page - Stackpole Electronics, Inc.

Back Button MLFA Datasheet HTML 4Page - Stackpole Electronics, Inc. MLFA Datasheet HTML 5Page - Stackpole Electronics, Inc. MLFA Datasheet HTML 6Page - Stackpole Electronics, Inc. MLFA Datasheet HTML 7Page - Stackpole Electronics, Inc. MLFA Datasheet HTML 8Page - Stackpole Electronics, Inc. MLFA Datasheet HTML 9Page - Stackpole Electronics, Inc. MLFA Datasheet HTML 10Page - Stackpole Electronics, Inc. MLFA Datasheet HTML 11Page - Stackpole Electronics, Inc. MLFA Datasheet HTML 12Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Rev Date: 7/29/2022
12
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
MLFA Series
Metal Film Melf Resistor
– AEC-Q200 Qualified
Stackpole Electronics, Inc.
Resistive Product Solutions
Environmental Policy
It is the policy of Stackpole Electronics, Inc. (SEI) to protect the environment in all localities in which we operate. We continually strive
to improve our effect on the environment. We observe all applicable laws and regulations regarding the protection of our environment
and all requests related to the environment to which we have agreed. We are committed to the prevention of all forms of pollution.
How to Order
1
2
3
4
5
6
7
8
10
11
12
13
14
M
L
F
A
2
5
F
T
S
1
0
0
K
Product Series
Resistance Value
MLFA
Code Size
W
Code
Tol
Value
Code
Description
Product Code Quantity Code
ppm
13
0102
0.3
B
0.1%
MLFA13
Z
jumper
25
0204
0.4
D
0.5%
MLFA25
Y
5
1
0207
1
F
1%
MLFA1
2000
S
15
J
5%
E24
E
25
1 ohm = 1R00
Z
Jumper
C
50
100 Kohm = 100K
D
100
1 Mohm = 1M00
zero ohm jumper = 0R00
Four characters with the
multiplier used as the
decimal holder.
E96, E24
T
7" Reel
Plastic Tape
3000
TCR
Packaging
Tolerance
Power Rating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com