Electronic Components Datasheet Search
  English  ▼

X  

MLFA13 Datasheet(PDF) 5 Page - Stackpole Electronics, Inc.

Part # MLFA13
Description  Metal Film Melf Resistor - AEC-Q200 Qualified
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

MLFA13 Datasheet(HTML) 5 Page - Stackpole Electronics, Inc.

  MLFA13 Datasheet HTML 1Page - Stackpole Electronics, Inc. MLFA13 Datasheet HTML 2Page - Stackpole Electronics, Inc. MLFA13 Datasheet HTML 3Page - Stackpole Electronics, Inc. MLFA13 Datasheet HTML 4Page - Stackpole Electronics, Inc. MLFA13 Datasheet HTML 5Page - Stackpole Electronics, Inc. MLFA13 Datasheet HTML 6Page - Stackpole Electronics, Inc. MLFA13 Datasheet HTML 7Page - Stackpole Electronics, Inc. MLFA13 Datasheet HTML 8Page - Stackpole Electronics, Inc. MLFA13 Datasheet HTML 9Page - Stackpole Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Rev Date: 7/29/2022
5
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
MLFA Series
Metal Film Melf Resistor
– AEC-Q200 Qualified
Stackpole Electronics, Inc.
Resistive Product Solutions
Soldering Condition:
(1) Time of IR reflow soldering at maximum temperature point 260°C: 10 seconds
(2) Time of wave soldering at maximum temperature point 260°C: 10 seconds
(3) Time of soldering iron at maximum temperature point 410°C: 5 seconds
Pulse Withstanding Capacity
The single impulse graph is the result of the impulse of rectangular shape applied. The limit of acceptance was a shift
in resistance of less than 1% from the initial value. The power applied was subject to the restrictions of the maximum
permissible impulse voltage graph shown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com