Electronic Components Datasheet Search
  English  ▼

X  

VM3 Datasheet(PDF) 1 Page - Stackpole Electronics, Inc.

Part # VM3
Description  Ceramic Housed Vertical Mount Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

VM3 Datasheet(HTML) 1 Page - Stackpole Electronics, Inc.

  VM3 Datasheet HTML 1Page - Stackpole Electronics, Inc. VM3 Datasheet HTML 2Page - Stackpole Electronics, Inc. VM3 Datasheet HTML 3Page - Stackpole Electronics, Inc. VM3 Datasheet HTML 4Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev Date: 3/16/2021
1
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
VM / MVM Series
Ceramic Housed Vertical Mount Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Features:
•
Flameproof inorganic construction
•
High temperature potting compound
•
VM
– Wirewound element
•
MVM
– Metal oxide element for higher values
•
100% RoHS compliant and lead free without exemption
•
Halogen free
•
REACH compliant
VM:
MVM:
Electrical Specifications
Mechanical Specifications
0.276 ± 0.039
0.807 ± 0.039
0.433 ± 0.039
0.197 ± 0.039
0.031 ± 0.002
0.138 ± 0.020
inches
7.00 ± 1.00
20.50 ± 1.00
11.00 ± 1.00
5.00 ± 1.00
0.80 ± 0.05
3.50 ± 0.50
mm
0.335 ± 0.039
0.984 ± 0.039
0.492 ± 0.039
0.197 ± 0.039
0.031 ± 0.002
0.138 ± 0.020
inches
8.50 ± 1.00
25.00 ± 1.00
12.50 ± 1.00
5.00 ± 1.00
0.80 ± 0.05
3.50 ± 0.50
mm
0.374 ± 0.039
0.984 ± 0.039
0.512 ± 0.039
0.197 ± 0.039
0.031 ± 0.002
0.138 ± 0.020
inches
9.50 ± 1.00
25.00 ± 1.00
13.00 ± 1.00
5.00 ± 1.00
0.80 ± 0.05
3.50 ± 0.50
mm
0.374 ± 0.039
1.535 ± 0.059
0.512 ± 0.039
0.197 ± 0.039
0.031 ± 0.002
0.138 ± 0.020
inches
9.50 ± 1.00
39.00 ± 1.50
13.00 ± 1.00
5.00 ± 1.00
0.80 ± 0.05
3.50 ± 0.50
mm
0.472 ± 0.039
1.378 ± 0.039
0.630 ± 0.039
0.295 ± 0.039
0.031 ± 0.002
0.138 ± 0.020
inches
12.00 ± 1.00
35.00 ± 1.00
16.00 ± 1.00
7.50 ± 1.00
0.80 ± 0.05
3.50 ± 0.50
mm
VM10 / MVM10
Type / Code
C
D
Unit
VM2 / MVM2
VM7 / MVM7
VM3 / MVM3
VM5 / MVM5
A
B
Lead Diameter
Lead Length
5%
10%
VM2
2
250
VM3
3
300
VM5
5
350
VM7
7
500
VM10
10
700
MVM2
2
250
0.1 - 51K
-
MVM3
3
300
0.1 - 51K
-
MVM5
5
350
0.1 - 51K
-
MVM7
7
500
510 - 51K
-
MVM10
10
700
750 - 51K
-
Type / Code
Voltage Rating
(V)
TCR (ppm/°C)
Power Rating (W)
@ 70ºC
< 1 Ω = ± 800 ppm/ºC
> 1 Ω = ± 300 ppm/ºC
± 200 ppm/ºC
Maximum Working Voltage is limited by
unless specified otherwise.
0.56 - 680
Ohmic Range (
Ω) and Tolerance
0.056 - 100
0.1 - 100
0.1 - 100
0.39 - 470
√ P*R


Similar Part No. - VM3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VM3-01 ETC2-VM3-01 Datasheet
99Kb / 2P
To easily integrate Contura products into your system, Carlingswitch also offers many accessories, including
logo
Ohmite Mfg. Co.
VM3-038-1AE OHMITE-VM3-038-1AE Datasheet
387Kb / 2P
Ohmite introduces this new versatile heatsink
VM3-038-1AE OHMITE-VM3-038-1AE Datasheet
438Kb / 2P
Variable Mount Heatsink Series
logo
CBC Group. CBC AMERICA ...
VM300 COMPUTAR-VM300 Datasheet
405Kb / 1P
The View Finder is an optical tooI to determine the field view of a lens.
2004.5
logo
Frequency Devices, Inc.
VM300PAFF FREQUENCYDEVICES-VM300PAFF Datasheet
259Kb / 2P
Programmable Amplifiers with Fixed Frequency Filters VME Board
More results

Similar Description - VM3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KALSERIES ETC-KALSERIES Datasheet
285Kb / 3P
Aluminum Housed Surface Mount Resistor
logo
TE Connectivity Ltd
HCF TEC-HCF Datasheet
204Kb / 5P
Aluminium Housed Braking Resistor
logo
Stackpole Electronics, ...
BVM SEI-BVM Datasheet
394Kb / 4P
Ceramic Housed Vertical Bracket Mount Resistor
11/30/2020
KAL SEI-KAL Datasheet
338Kb / 5P
Aluminum Housed Chassis Mount Resistor
2/26/2021
LCB SEI-LCB Datasheet
277Kb / 3P
Ceramic Housed Current Sensing Resistor with 2 Leads
11/30/2020
LVM SEI-LVM Datasheet
250Kb / 4P
Ceramic Housed Vertical Mount Resistor
11/30/2020
MCB SEI-MCB Datasheet
329Kb / 4P
Ceramic Housed with Axial Leads Power Resistor
4/13/2021
NSZ SEI-NSZ Datasheet
319Kb / 6P
Ceramic Housed Wirewound Resistor with Specialty Leads
02/17/2021
WCB SEI-WCB Datasheet
243Kb / 4P
Welded Ceramic Housed Axial Leaded Wirewound Resistor
7/8/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com