Electronic Components Datasheet Search
  English  ▼

X  

LPCT180 Datasheet(PDF) 1 Page - Stackpole Electronics, Inc.

Part # LPCT180
Description  SMD Unshielded Power Inductor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

LPCT180 Datasheet(HTML) 1 Page - Stackpole Electronics, Inc.

  LPCT180 Datasheet HTML 1Page - Stackpole Electronics, Inc. LPCT180 Datasheet HTML 2Page - Stackpole Electronics, Inc. LPCT180 Datasheet HTML 3Page - Stackpole Electronics, Inc. LPCT180 Datasheet HTML 4Page - Stackpole Electronics, Inc. LPCT180 Datasheet HTML 5Page - Stackpole Electronics, Inc. LPCT180 Datasheet HTML 6Page - Stackpole Electronics, Inc. LPCT180 Datasheet HTML 7Page - Stackpole Electronics, Inc. LPCT180 Datasheet HTML 8Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev Date: 08/30/2019
1
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
LPC Series
SMD Unshielded Power Inductor
Stackpole Electronics, Inc.
Resistive Product Solutions
Features:
•
Provides high power and high saturation
•
Silver plated for low cost design
•
Available on tape and reel for auto surface mounting
•
100% RoHS compliant and lead free without exemption
•
Halogen free
•
REACH compliant
•
Contact Stackpole for additional inductance values
Applications:
•
Power supply for VTRs
•
Personal computers
•
DC/DC converters
•
LCD televisions
Inductance and Current Ranges
Mechanical Specifications
0.14 ± 0.01
0.12 ± 0.01
0.05 ± 0.01
0.14
0.06
0.03
inches
3.50 ± 0.30
3.00 ± 0.30
1.15 ± 0.30
3.50
1.60
0.80
mm
0.14 ± 0.01
0.12 ± 0.01
0.08 ± 0.01
0.14
0.06
0.03
inches
3.50 ± 0.30
3.00 ± 0.30
2.10 ± 0.30
3.50
1.60
0.80
mm
0.18 ± 0.01
0.16 ± 0.01
0.13 ± 0.01
0.18
0.07
0.06
inches
4.50 ± 0.30
4.00 ± 0.30
3.20 ± 0.30
4.50
1.75
1.50
mm
0.23 ± 0.01
0.20 ± 0.01
0.10 ± 0.01
0.22
0.08
0.07
inches
5.80 ± 0.30
5.20 ± 0.30
2.50 ± 0.30
5.50
2.15
1.70
mm
0.23 ± 0.01
0.20 ± 0.01
0.12 ± 0.01
0.22
0.08
0.07
inches
5.80 ± 0.30
5.20 ± 0.30
3.00 ± 0.30
5.50
2.15
1.70
mm
0.23 ± 0.01
0.20 ± 0.01
0.18 ± 0.01
0.22
0.08
0.07
inches
5.80 ± 0.30
5.20 ± 0.30
4.50 ± 0.30
5.50
2.15
1.70
mm
0.31 ± 0.01
0.28 ± 0.01
0.14 ± 0.02
0.30
0.12
0.08
inches
7.80 ± 0.30
7.00 ± 0.30
3.50 ± 0.50
7.50
3.00
2.00
mm
0.31 ± 0.01
0.28 ± 0.01
0.20 ± 0.02
0.30
0.12
0.08
inches
7.80 ± 0.30
7.00 ± 0.30
5.00 ± 0.50
7.50
3.00
2.00
mm
LPC3128
LPC2320…-HP
LPC2320
LPC3128…-HP
H
I
J
Unit
A
Max.
C
Max.
B
Max.
LPC1412
LPC2320…-LP
LPC1816
LPC1412…-HP
Type/Code
Type/Code
Inductance (μH)
Current Ranges (A)
LPC1412
1 ~ 390
1.4 ~ 0.1
LPC1412…-HP
1 ~ 330
2.2 ~ 0.09
LPC1816
0.5 ~ 1000
3 ~ 0.109
LPC2320…-LP
1 ~ 470
4 ~ 0.15
LPC2320
1 ~ 1000
4.5 ~ 0.13
LPC2320…-HP
1 ~ 1000
5.00 ~ 0.26
LPC3128
1 ~ 1000
1.64 ~ 0.2
LPC3128…-HP
1 ~ 1500
3.4 ~ 0.16
LPC3935…-LP
1 ~ 560
8.7 ~ 0.32
LPC3935
1.2 ~ 1000
8.63 ~ 0.2
LPC3935…-HP
1 ~ 1000
9.5 ~ 0.46
Electrical specifications at 25ºC
Operating Temperature Range: -40~125°C


Similar Part No. - LPCT180

ManufacturerPart #DatasheetDescription
logo
ITT Industries
LPCTP-1 ITT-LPCTP-1 Datasheet
68Kb / 1P
Mobile Mobile Phones Portable Radio Portable Satellite PDA
More results

Similar Description - LPCT180

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DH1364 MACOM-DH1364 Datasheet
59Kb / 3P
SMD Unshielded Self-Leaded Inductor
DN1047 MACOM-DN1047 Datasheet
76Kb / 3P
SMD Unshielded Inductor Series
DU1311 MACOM-DU1311 Datasheet
377Kb / 3P
SMD Unshielded Power Inductor Series
logo
Accetek Electronics (Sh...
1MG ACCETEK-1MG Datasheet
284Kb / 4P
Unshielded Power Inductor
1MH ACCETEK-1MH Datasheet
280Kb / 3P
Unshielded Power Inductor
logo
Abracon Corporation
AISC-1206H ABRACON-AISC-1206H Datasheet
1Mb / 3P
UNSHIELDED SMD POWER INDUCTOR
08.06.13
AISC-2220H ABRACON-AISC-2220H Datasheet
1Mb / 3P
UNSHIELDED SMD POWER INDUCTOR
12.28.12
ASPI-5619 ABRACON-ASPI-5619 Datasheet
1Mb / 3P
SMD Unshielded Power Inductor
10.03.13
ASPI-XXXXHC ABRACON-ASPI-XXXXHC Datasheet
875Kb / 2P
SMD UNSHIELDED LOW PROFILE POWER INDUCTOR
10.05.09
logo
Stackpole Electronics, ...
LP_SERIES SEI-LP_SERIES Datasheet
591Kb / 7P
SMD Unshielded Power Inductor
10/03/2019
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com