Electronic Components Datasheet Search
  English  ▼

X  

SIP32434BEVB Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIP32434BEVB
Description  eFuse Evaluation Board Manual
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32434BEVB Datasheet(HTML) 2 Page - Vishay Siliconix

  SIP32434BEVB Datasheet HTML 1Page - Vishay Siliconix SIP32434BEVB Datasheet HTML 2Page - Vishay Siliconix SIP32434BEVB Datasheet HTML 3Page - Vishay Siliconix SIP32434BEVB Datasheet HTML 4Page - Vishay Siliconix SIP32434BEVB Datasheet HTML 5Page - Vishay Siliconix SIP32434BEVB Datasheet HTML 6Page - Vishay Siliconix SIP32434BEVB Datasheet HTML 7Page - Vishay Siliconix SIP32434BEVB Datasheet HTML 8Page - Vishay Siliconix SIP32434BEVB Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SIP32433, SIP32434
www.vishay.com
Vishay Siliconix
Revision: 01-Mar-2022
2
Document Number: 62068
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - SIP32433xEVB, SIP32434xEVB Evaluation Board Rev. A
Fig. 2 - SIP3243xxEVB Schematic
SIP3243XXEVB PHYSICAL ACCESS
Table 2 lists the SIP3243xxEVB eFuse evaluation board’s switch on / off control, power input, and output connectors. Table 3
lists the test points. Table 4 describes jumpers and the functions to be set. These jumpers are off at the normal board setting.
TABLE 2 - INPUT AND OUTPUT CONNECTOR DESCRIPTION
LABEL
NAME
DESCRIPTION
J13
EN
Active high enable and undervoltage input. Voltage divider resistors are 25 k
Ω and 4.12 kΩ
J7
VIN
Power input connector
J14
PGND
Ground connection for the power input
J16
PGND
Ground connection for the power output
J8
VOUT
Power output connector
RL2
J22
CON1
J4
JUMPER
1
2
J1
CON1
J13
CON1
1
J10
JUMPER
J7
banana
J27
CON1
1
C5
10uF
J3
CON1
J6
VOUT_S
J21
CON1
D2
SSA23L-E3/61T
C4
10uF
J11
CON1
RL1
R3
10k
J16
banana
Q1
SiRA00
J20
CON1
R9
1k
J8
banana
C8
10uF
R7
25k
J24
CON2
1
2
R2 51k
EN
C6
10uF
J9
JUMPER
R6 TBA
C3
10uF
U1
IN1
1
IN2
2
SS
3
EN
4
Ilimit/Imon
5
GND
6
OVP
7
PG
8
OUT1
9
OUT2
10
D1
SMA6F24A
J12
CON1
1
J23
CON1
J26
JUMPER
1
2
C9
47n
C7
10uF
J25
CON1
J18
GND_S
J14
banana
J19
GNS_S
C1
10uF
J17
JUMPER
1
2
R1
10
R4
15k
R10
100k
Rsense
RL3
R8
4.12k
R5 2.47k
J5
VIN_S
C2
10uF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com