Electronic Components Datasheet Search
  English  ▼

X  

AT91SO101 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT91SO101
Description  Secure Microcontroller for Electronic Transaction Terminal / Reader
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SO101 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT91SO101 Datasheet HTML 1Page - ATMEL Corporation AT91SO101 Datasheet HTML 2Page - ATMEL Corporation AT91SO101 Datasheet HTML 3Page - ATMEL Corporation AT91SO101 Datasheet HTML 4Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
AT91SO100
6514BS–SMIC–26Oct05
Description
AT91SO100 is a low-power, high-performance, SC100 32-bit microcontroller based on the ARM® enhanced RISC architecture. This new
SC100 core allows the linear addressing of up to 1M bytes of code and data as well as a number of new functional and security features.
A 3-level instruction pipeline allows the performance of one instruction in a single clock cycle, the AT91SO100 achieves throughputs
close to 1 MIPS per MHz. The SC100 processor employs a unique architectural strategy known as Thumb® a super reduced instruction
set that is ideally suited for high volume applications with memory restrictions and applications where code density is an important factor.
AT91SO100 has internal EEPROM that can be used as program or data memory. It also includes a ROM (for the boot and some native
functions) and a large SRAM. AT91SO100 can also address, via pages, up to 16Mbytes of external memory.
The AT91SO100 also comprises of strong security mechanisms and has a impressive set of crytography features , hardware DES/TDES,
hardware AES, hardware SHA-n, hardware cryptography accelerator for asymmetric algorithms (RSA, Elliptic Curve, Key generation)
and a true random number generator.
AT91SO100
includes a lot of dedicated peripherals as smart card and magnetic stripe card interface, as well as USB, SPI,
UARTs and I/O ports.
The AT91SO101 is a single package solution in BGA256 embedding two chips, the AT91SO100 and the AT83C26 which
physically interface with up to five smart cards.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com