Electronic Components Datasheet Search
  English  ▼

X  

L9300 Datasheet(PDF) 154 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 154 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 150Page - STMicroelectronics L9300 Datasheet HTML 151Page - STMicroelectronics L9300 Datasheet HTML 152Page - STMicroelectronics L9300 Datasheet HTML 153Page - STMicroelectronics L9300 Datasheet HTML 154Page - STMicroelectronics L9300 Datasheet HTML 155Page - STMicroelectronics L9300 Datasheet HTML 156Page - STMicroelectronics L9300 Datasheet HTML 157Page - STMicroelectronics L9300 Datasheet HTML 158Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 182 page
background image
DRVFLTMSK
Driver Fault Mask
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
R
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Address:
Channel_X_BaseAddress + 0x0C
Type:
RW
Reset:
0b0000 1001 1111 1111 1111
Description:
Driver Fault Mask register is an active Hi Mask register for Driver Faults.
Setting mask bit disables corresponding fault from generating interrupt on GPO (when enabled).
[19:16] unused
[15] E_SOL_TW_GPO:
0: No Mask (TW triggers GPO)
1: Mask (TW does not trigger GPO)
Reset events: VB_UV, GND_LOSS, POR, RES1
[14] CRC Error on CSA Compensation Parameters Mask:
0: No Mask (calibration disabled if CRC Error detected).
1: CRC error on Calibration Data Masked.
Reset events: VB_UV , GND_LOSS, POR, RES1
[13] CRC Error on A2D Trimming Data Mask:
0: No Mask (no trimming available if CRC error detected).
1: CRC error Masked (Trimming is applied anyway).
Reset events: VB_UV , GND_LOSS, POR, RES1
[12] E_SOL_COMP_GPO (OL - Active mode): PWM check on open load comparator.
0: No Mask (PWM check failure triggers GPO)
1: Mask (PWM check failure does not trigger GPO)
Reset events: VB_UV , GND_LOSS, POR, RES1
[11] E_SOL_COMP_GPO (LVT - Active mode): PWM check on lvt comparator.
0: No Mask (PWM check failure triggers GPO)
1: Mask (PWM check failure does not trigger GPO)
Reset events: VB_UV , GND_LOSS, POR, RES1
[10] E_SOL_BIST_GPO (end):
0: No Mask (logic BIST end triggers GPO)
1: Mask (logic BIST end does not trigger GPO)
Reset events: VB_UV , GND_LOSS, POR, RES1
[9] E_SOL_BIST_GPO (start):
0: No Mask (logic BIST start or fail triggers GPO)
L9300
SPI registers map table
DS12258 - Rev 4
page 154/182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com