Electronic Components Datasheet Search
  English  ▼

X  

L9300 Datasheet(PDF) 157 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 157 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 153Page - STMicroelectronics L9300 Datasheet HTML 154Page - STMicroelectronics L9300 Datasheet HTML 155Page - STMicroelectronics L9300 Datasheet HTML 156Page - STMicroelectronics L9300 Datasheet HTML 157Page - STMicroelectronics L9300 Datasheet HTML 158Page - STMicroelectronics L9300 Datasheet HTML 159Page - STMicroelectronics L9300 Datasheet HTML 160Page - STMicroelectronics L9300 Datasheet HTML 161Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 182 page
background image
17.1.2
Power supply electrical characteristics
5.5V ≤ VBATP≤ 19V; -40°C ≤ Tj ≤ 175°C unless otherwise noticed. All voltages refer to GND pin.
Table 62. Power supply electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
VDD3-4 monitor
t_an_chop_clock
analog chopping period
Guaranteed by scan
58
64
70
µs
-
17.1.3
Power supply error handling
Table 63. Power supply error handling
Type of error
Detection condition
Action
Clear SPI
flag
Restart condition
VDD3
VDD3 under
voltage self test
fail
On state, enabled through SPI bit
VDDx UV/OV Self Test Enable (16)
in SERVENA register
Same as regulator fault detection,
with additional VDDx OV/UV Self
Test bit (10) set in SERVFLT register
Clear on
read
Same as functional, self
test enable to be re-
enabled
VDD3 over
voltage self test
fail
On state, enabled through SPI bit
VDDx UV/OV Self Test Enable (16)
in SERVENA register
Same as regulator fault detection,
with additional VDDx OV/UV Self
Test bit (10) set in SERVFLT register
Clear on
read
Same as functional, self
test enable to be re-
enabled
VDD4
VDD4 under
voltage self test
fail
On state, enabled through SPI bit
VDDx UV/OV Self Test Enable (16)
in SERVENA register
Same as regulator fault detection,
with additional VDDx OV/UV Self
Test bit (10) set in SERVFLT register
Clear on
read
Same as functional, self
test enable to be re-
enabled
VDD4 over
voltage self test
fail
On state, enabled through SPI bit
VDDx UV/OV Self Test Enable (16)
in SERVENA register
Same as regulator fault detection,
with additional VDDx OV/UV Self
Test bit (10) set in SERVFLT register
Clear on
read
Same as functional, self
test enable to be re-
enabled
17.2
Internal supply monitor
17.2.1
Reference Oscillator
A second trimmed 16 MHz oscillator runs in parallel with the main one and it is used to monitor its accuracy, if a
frequency drift on any of the two oscillators happens a power down sequence is triggered with consequent reset
generation and channel disabled; safe state lasts until the fail is recovered or the device is restarted by toggling of
the wake pin. After system restart, if the fail is still present, the device enters the safe state condition again. Basic
implementation of clock monitor is shown in the following figure.
L9300
Internal supply monitor
DS12258 - Rev 4
page 157/182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com