Electronic Components Datasheet Search
  English  ▼

X  

L9300 Datasheet(PDF) 160 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 160 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 156Page - STMicroelectronics L9300 Datasheet HTML 157Page - STMicroelectronics L9300 Datasheet HTML 158Page - STMicroelectronics L9300 Datasheet HTML 159Page - STMicroelectronics L9300 Datasheet HTML 160Page - STMicroelectronics L9300 Datasheet HTML 161Page - STMicroelectronics L9300 Datasheet HTML 162Page - STMicroelectronics L9300 Datasheet HTML 163Page - STMicroelectronics L9300 Datasheet HTML 164Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 182 page
background image
Figure 67. ADC self-test block diagram
GADG2707170755PS
Digital control loop logic BIST
This check is available on demand selecting the corresponding bit in solenoid CONFIGURATION registers. This
self-test can be activated only if the channel is tristated since the control loop is inhibited during its actuation; logic
BIST is performed on the logic core in charge of calibration of the solenoid a/d data and on the current control
loop. In case the logic BIST fails a warning flag is set in the EXCEPTIONS register, the fault is cleared by reading
the related SPI frame. The actual status of the test is mapped on two bits available in the EXCEPTIONS register,
the test is in idle state as long as the CONFIGURATION bit is at 0.
Calibration data check
Calibration data and analog trimming bits to compensate solenoid a/d errors and internal references are stored in
an internal 8kbit NVM memory; memory data are combined in 256 bit sectors with the following architecture:
•
120 data bits
•
8 CRC bits
•
120 data bits
•
8 CRC bits
At each power-on reset release the logic core downloads these data into local registers; at each download
the data integrity is verified by means of CRC check: in case the CRC check fails, a warning flag is set in
the SERVICE FAULT register (error on analog trim) or Exceptions registers (error on channel calibration or
ADC trimming) while local registers affected by the fault are loaded with a “all 0” default to avoid unpredictable
operation. For debugging purpose, SPI bits are available to mask CRC result and force the usage of NVM
memory data; for analog trimming data, the bit in Service Fault Mask register can be used, while for solenoid
channels two bits are available for each channel in Driver Fault MASK registers. Analog trimming data, used by
internal references, are downloaded only after a power-on reset event; in case CRC error happens and masking
of the fault is used the wrong data are downloaded and cannot be reverted to “all 0” value until next turn-on of the
device. Since mask bits are cleared by RES1 event the microcontroller could lose during operation the information
on actual usage of analog trimming data, so CRC error bit is redunded with information sensitive to Service Fault
Mask settings: in this way it is always possible to understand whether analog trimming data in usage are the
masked one or the downloaded one. A simplified drawing of the masking concept is shown in the next figure,
such a procedure is not implemented on Solenoid NVM data (calibration and ADC trim) since these data are
downloaded each time a change in the configuration settings of solenoid channels is requested, so it is always
possible to refresh solenoid bits and CRC check after a reset event.
L9300
Valve drivers
DS12258 - Rev 4
page 160/182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com