Electronic Components Datasheet Search
  English  ▼

X  

L9300 Datasheet(PDF) 162 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 162 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 158Page - STMicroelectronics L9300 Datasheet HTML 159Page - STMicroelectronics L9300 Datasheet HTML 160Page - STMicroelectronics L9300 Datasheet HTML 161Page - STMicroelectronics L9300 Datasheet HTML 162Page - STMicroelectronics L9300 Datasheet HTML 163Page - STMicroelectronics L9300 Datasheet HTML 164Page - STMicroelectronics L9300 Datasheet HTML 165Page - STMicroelectronics L9300 Datasheet HTML 166Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 182 page
background image
PWM check
Off-state diagnostic comparators can be used during on state functionality to compare the status of output
stage with respect to the PWM input coming from control logic. These comparators start working after an
auto-adaptative masking time, dependent on the slew rate settings to take into account the time needed for slew
rate control to settle the output voltage. If the output status then differs from PWM input a fault bit is latched in
the SPI Exception registers (for information only). For redundancy, the fault bit is available for both diagnostic
comparators (open load and lvt) and can be cleared on read. Self test behavior for LS configuration is shown
as an example in the figure below. In case self test is activated with PWM functionality already running an initial
spurious fail can be triggered and must be cleared to validate the self test result.
Figure 70. PWM test implementation assuming LS configuration
GADG2707170818PS
tmask
PWM_fault_1
PWM
VOL
VS
LOAD
RETURN
LVT
PWM_fault_2
No fault
tmask
tmask
PWM_fault_1
PWM
VOL
VS
LOAD
RETURN
LVT
PWM_fault_2
Fault condition
tmask
+
-
+
-
+
-
+
-
L9300
Valve drivers
DS12258 - Rev 4
page 162/182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com