Electronic Components Datasheet Search
  English  ▼

X  

L9300 Datasheet(PDF) 165 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 165 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 161Page - STMicroelectronics L9300 Datasheet HTML 162Page - STMicroelectronics L9300 Datasheet HTML 163Page - STMicroelectronics L9300 Datasheet HTML 164Page - STMicroelectronics L9300 Datasheet HTML 165Page - STMicroelectronics L9300 Datasheet HTML 166Page - STMicroelectronics L9300 Datasheet HTML 167Page - STMicroelectronics L9300 Datasheet HTML 168Page - STMicroelectronics L9300 Datasheet HTML 169Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 182 page
background image
19
Definitions and acronyms
Table 68. Definitions and acronyms
Reference
Description
ASIC
Application specific integrated circuit
BIST
Built-in self-test
ABIST
Analog built-in self-test
LS
Low–side
HS
High–side
HW
Hardware
SW
Software
KA
Keep alive
PHOLD
Power hold
SPI
Serial peripheral interface
SDI
Serial data-in
SDO
Serial data-out
I/O
Input output
CS
Chip select
SCLK
Serial clock
NVM
Non volatile memory
CRC
Cyclic redundancy check
SCG
Short circuit to GND
STB
Short circuit to battery
OL
Open load
UV
Under voltage
OV
Over voltage
OT
Over temperature
TSD
Thermal shutdown
MSB
Most significant bit
LSB
Least significant bit
MCU
Microcontroller unit
µC
Microcontroller
POR
Power-on reset active low
VDA
Verband der automobilindustrie
WDT
Watchdog timer
Q&A
Query and answer
N.D.
Not detected
N.A.
Not available
L9300
Definitions and acronyms
DS12258 - Rev 4
page 165/182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com