| Electronic Components Datasheet Search |
|
L9300 Datasheet(PDF) 180 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9300 Datasheet(HTML) 180 Page - STMicroelectronics |
|
180 / 182 page ![]() List of figures Figure 1. Internal block diagram ............................................................... 4 Figure 2. Internal block diagram with internal supply domain partitioning ................................... 5 Figure 3. Pin out (exposed pad down top view, exposed pad up bottom view) ............................... 6 Figure 4. Internal supply power-up timings....................................................... 12 Figure 5. Wake up through WAKE pin .......................................................... 13 Figure 6. Power down from WAKE pin.......................................................... 15 Figure 7. Power down from power hold condition .................................................. 16 Figure 8. Power down from not refreshing keep-alive bit ............................................. 17 Figure 9. Device state block diagram .......................................................... 18 Figure 10. VDD1 regulator circuit .............................................................. 20 Figure 11. VDD2 linear or tracking regulator ...................................................... 23 Figure 12. VDD3 linear regulator with external N-ch FET.............................................. 26 Figure 13. VDD4 regulator linear configuration ..................................................... 29 Figure 14. TRK regulators ................................................................... 32 Figure 15. WSI control blocks ................................................................ 33 Figure 16. WS compatibility .................................................................. 34 Figure 17. Standstill operation when PWM two edges per tooth is selected ................................. 35 Figure 18. Definition of speed pulse and data log bits ................................................ 36 Figure 19. Signal monitoring: normal speed ....................................................... 36 Figure 20. Signal monitoring: high Speed ........................................................ 37 Figure 21. Signal monitoring: standstill .......................................................... 37 Figure 22. Reset generation ................................................................. 43 Figure 23. Reset power up/down .............................................................. 44 Figure 24. VDD3 reset conditioning ............................................................ 44 Figure 25. VDD4 reset conditioning ............................................................ 44 Figure 26. Internal supply concept ............................................................. 47 Figure 27. High–side and low–side configuration ................................................... 52 Figure 28. Hardware control configuration ........................................................ 53 Figure 29. Dither functionality ................................................................ 55 Figure 30. Software mode filter time ............................................................ 57 Figure 31. Software control loop configuration ..................................................... 57 Figure 32. Driver timing chart HS_config=0, SW_cntr=1 .............................................. 58 Figure 33. Driver timing chart HS_config=1, SW_cntr=1 .............................................. 58 Figure 34. Driver behavior in short to GND condition: HS_config=1, SW_cntr=1, OVC_R=1...................... 61 Figure 35. Driver behavior in short to battery condition: HS_config=1, SW_cntr=1, OVC_R=1 .................... 61 Figure 36. LS configuration diagnostic .......................................................... 62 Figure 37. HS configuration diagnostic .......................................................... 63 Figure 38. Failsafe concept .................................................................. 68 Figure 39. Pump PWM programming ........................................................... 69 Figure 40. Pump motor concept ............................................................... 70 Figure 41. Charge pump .................................................................... 72 Figure 42. GPO driver...................................................................... 74 Figure 43. PRUN WD block diagram............................................................ 78 Figure 44. PRUN WD initialization ............................................................. 78 Figure 45. WD time-out timings at power up ...................................................... 79 Figure 46. WD enable/disable function .......................................................... 80 Figure 47. WD PRUN over frequency detection .................................................... 81 Figure 48. Reset latch block diagram ........................................................... 82 Figure 49. Reset-Latch timing diagram .......................................................... 83 Figure 50. WD block diagram................................................................. 85 Figure 51. Monodirectional Timing check evolution .................................................. 86 Figure 52. Bidirectional Timing check evolution .................................................... 86 L9300 List of figures DS12258 - Rev 4 page 180/182 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |