Electronic Components Datasheet Search
  English  ▼

X  

L9369 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L9369
Description  Automotive IC for a specific application of electric parking braking
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9369 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L9369 Datasheet HTML 3Page - STMicroelectronics L9369 Datasheet HTML 4Page - STMicroelectronics L9369 Datasheet HTML 5Page - STMicroelectronics L9369 Datasheet HTML 6Page - STMicroelectronics L9369 Datasheet HTML 7Page - STMicroelectronics L9369 Datasheet HTML 8Page - STMicroelectronics L9369 Datasheet HTML 9Page - STMicroelectronics L9369 Datasheet HTML 10Page - STMicroelectronics L9369 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
DB3819 Rev 1
7/13
L9369
Block diagram and pin description
13
37
GH1_A
Gate connection of the H-Bridge High-side NFET for wheel
brake actuator A
O
38
CSIN1M_A
Negative input signal of the external shunt #1 connected to CSA
for stage A
I
39
CSIN1P_A
Positive input signal of the external shunt #1 connected to CSA
for stage A
I
40
GIO0
Programmable Input / Output for Button Interface control
I/O
41
GIO1
Programmable Input / Output for Button Interface control
I/O
42
GIO2
Programmable Input / Output for Button Interface control
I/O
43
GIO3
Programmable Input / Output for Button Interface control
I/O
44
RVPG
Gate driver output for reverse voltage switch control
O
45
AGND
Analog reference ground connection
GND
46
VANALOG
L9369 generated Low noise analog voltage, supplies the
internal current measurement path. (It can be used to supply
external circuits with low current consumption. External
capacitor required for stabilization.)
O
47
RST (EN_EL)
EN_EL: digital enable input for GPIO (default pin function).
RST: High active Input Reset pin. (Enabled via dedicated SPI
bit. GPIO block can be enabled and configured independently)
I
48
WAU
Wake-up input. (digital input, low level active to enter Sleep
Mode)
I
49
V3V3VIN
3.3 V supply voltage for L9369 output buffers
I
50
SYS_WAKE/MSSUC_B
SYS WAKE (default configuration at start-up) is a digital output
pin to wake System basis chip (SBC) up as support for general
diagnostics on the external button during Sleep Mode only. This
function/pin needs the SYS_WAKE_IN as companion function
to work properly. MSSUC_B is disabled due to pin sharing with
GPIO block.
In case the SYS_WAKE function is not requested by
application, It can be disabled via SPI at 1st start-up and the pin
can be configured as:
MSSUC_B = Motor speed sensor signal output to the μC. (MSS
interface is disabled by default and its functionality is shared
with Lamp driver HSOUT).
O
51
HSOUT1
HSOUT1 = SPI programmable HS/LS current source for
external bulb lamp or LED array with monitoring
O
52
HSOUT0/MSSUC_A
HSOUT0 = SPI programmable HS/LS current source for
external bulb lamp or LED array with monitoring
MSSUC_A = Motor speed sensor signal output to the μC. MSS
interface is disabled by default.
O
53
GIO8
Programmable Input / Output for Button Interface control
I/O
Table 2. Pin definition and brief function description (continued)
Pin #
Symbol
Function
I/O type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com