Electronic Components Datasheet Search
  English  ▼

X  

L9908-TR Datasheet(PDF) 39 Page - STMicroelectronics

Part # L9908-TR
Description  Automotive 3-Phase motor gate driver unit
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908-TR Datasheet(HTML) 39 Page - STMicroelectronics

Back Button L9908-TR Datasheet HTML 35Page - STMicroelectronics L9908-TR Datasheet HTML 36Page - STMicroelectronics L9908-TR Datasheet HTML 37Page - STMicroelectronics L9908-TR Datasheet HTML 38Page - STMicroelectronics L9908-TR Datasheet HTML 39Page - STMicroelectronics L9908-TR Datasheet HTML 40Page - STMicroelectronics L9908-TR Datasheet HTML 41Page - STMicroelectronics L9908-TR Datasheet HTML 42Page - STMicroelectronics L9908-TR Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 153 page
background image
Figure 20. Reduced operation fault - Permanent fault timing diagram
5.6.2.4
Warnings
When a warning fault is detected the related SPI flag is set to ‘1’, the IC ERR bits in SPI FRAME are left to ‘00’
and the FS_FLAG is left asserted high.
Disable logic performs no corrective action (SPI configuration bit HBn_DIS remains set as previously configured).
Figure 21. Warning - Transient fault timing diagram
L9908
Fault Handling Management (FHM)
DS13546 - Rev 3
page 39/153