Electronic Components Datasheet Search
  English  ▼

X  

L99H02 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L99H02
Description  H-bridge gate driver for automotive applications
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H02 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L99H02 Datasheet HTML 6Page - STMicroelectronics L99H02 Datasheet HTML 7Page - STMicroelectronics L99H02 Datasheet HTML 8Page - STMicroelectronics L99H02 Datasheet HTML 9Page - STMicroelectronics L99H02 Datasheet HTML 10Page - STMicroelectronics L99H02 Datasheet HTML 11Page - STMicroelectronics L99H02 Datasheet HTML 12Page - STMicroelectronics L99H02 Datasheet HTML 13Page - STMicroelectronics L99H02 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
Block diagram and pin description
L99H02
10/51
DS12547 Rev 6
10
DIR
Direction select input for H-bridge control. This input has a pull-down
current.
11
PWM
PWM input for H-bridge control. This input has a pull-down current.
12
CSN
Chip select not input: this input is low active and requires CMOS logic
levels. The serial data transfer between L99H01 and microcontroller is
enabled by pulling the input CSN to low-level. This input has a pull-up
current.
13
CLK
Serial clock input: this input controls the internal shift register of the
SPI and requires CMOS logic levels.This input has a pull-down
current.
14
DI
Serial data in: the input requires CMOS logic levels and receives serial
data from the microcontroller. The data is an 8-bit control word and the
most significant bit (MSB, bit 7) is transferred first. This input has a
pull-down current.
15
DO
Serial data out: the diagnosis data is available via the SPI and this
tristate-output. The output remains in tristate, if the chip is not selected
by the input CSN (CSN = high).
16
CSO
Current sense amplifier output: VCC compatible.
17
CSI1+
Current sense amplifier input: positive input 1, multiplexible.
18
CSI1-
Current sense amplifier input: negative input 1, multiplexible.
19
CSI2+
Current sense amplifier input: positive input 2, multiplexible.
20
CSI2-
Current sense amplifier input: negative input 2, multiplexible.
21
NC
Not connected.
22
TS/ ACT_OFF Thermal sensor interface or external off for all gate drivers.
23
GL2
Gate driver for PowerMOS low-side switch in halfbridge 2.
24
SL2
Source of low-side switch in halfbridge 2.
25
GH2
Gate driver for PowerMOS high-side switch in halfbridge 2.
26
SH2
Source/drain of halfbridge 2.
27
SL1
Source of low-side switch in halfbridge 1.
28
GL1
Gate driver for PowerMOS low-side switch in halfbridge 1.
29
SH1
Source/drain of halfbridge 1.
30
GH1
Gate driver for PowerMOS high-side switch in halfbridge 1.
31
CP
Charge pump output.
32
CP2+
Charge pump pin for capacitor 2, positive side.
Table 3. Pin definitions and functions (continued)
Pin
Symbol
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com