Electronic Components Datasheet Search
  English  ▼

X  

SPSB081 Datasheet(PDF) 5 Page - STMicroelectronics

Part # SPSB081
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB081 Datasheet(HTML) 5 Page - STMicroelectronics

  SPSB081 Datasheet HTML 1Page - STMicroelectronics SPSB081 Datasheet HTML 2Page - STMicroelectronics SPSB081 Datasheet HTML 3Page - STMicroelectronics SPSB081 Datasheet HTML 4Page - STMicroelectronics SPSB081 Datasheet HTML 5Page - STMicroelectronics SPSB081 Datasheet HTML 6Page - STMicroelectronics SPSB081 Datasheet HTML 7Page - STMicroelectronics SPSB081 Datasheet HTML 8Page - STMicroelectronics SPSB081 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 135 page
background image
1.2
Pin description
Figure 3. Pin connection SPSB0815 and SPSB0813 (top view)
1
32
NRESET
DO
RxD_C
V1
CLK
RXD_L
DI
CSN
OUT1
OUT2
VS
DIR/WU2
V2
OUT3
OUT4
WU1
Figure 4. Pin connection SPSB081C5 and SPSB081C3 (top view)
32
1
OUT1
OUT2
VS
DIR/WU2
V2
OUT3
OUT4
RxD_C
NRESET
DO
CLK
DI
CSN
NC
V1
WU 1
Table 1. Pin function
Pin SPSB081x
Pin SPSB081Cx
Pin name
Description
I/O type
1
1
WU1
Wake-up inputs 1: Input pin for static or cyclic
monitoring of external contacts
I
2
2
DIR/WU2
DIR -> direct HS drive; WU2 -> input pin for static or
cyclic monitoring of external contacts
I
3
3
V2
Voltage regulator 2 or tracker 2 output: 5 V or 3.3V
supply for external loads or CAN FD transceiver. V2
pin is protected against reverse supply
O
4
4
OUT4
High-side-driver output to drive LEDs, sensors or to
supply contacts
O
5
5
OUT3
High-side-driver output to drive LEDs, sensors or to
supply contacts
O
6
6
OUT2
High-side-driver output to drive LEDs, sensors or to
supply contacts
O
7
7
OUT1
High-side-driver output to drive LEDs, sensors or to
supply contacts
O
SPSB081
Pin description
DS14048 - Rev 1
page 5/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com