Electronic Components Datasheet Search
  English  ▼

X  

STA5635A Datasheet(PDF) 11 Page - STMicroelectronics

Part # STA5635A
Description  Automotive Universal GNSS RF Receiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA5635A Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STA5635A Datasheet HTML 7Page - STMicroelectronics STA5635A Datasheet HTML 8Page - STMicroelectronics STA5635A Datasheet HTML 9Page - STMicroelectronics STA5635A Datasheet HTML 10Page - STMicroelectronics STA5635A Datasheet HTML 11Page - STMicroelectronics STA5635A Datasheet HTML 12Page - STMicroelectronics STA5635A Datasheet HTML 13Page - STMicroelectronics STA5635A Datasheet HTML 14Page - STMicroelectronics STA5635A Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
DS12858 Rev 2
11/20
STA5635A
Antenna sensing
19
3
Antenna sensing
The Figure 5 shows how antenna sensing circuit works with 3.3 V Antenna.
Figure 5. Antenna sensing configuration
In the output two bit in 1V1 domain are delivered to SPI and interrupt logic.
In the following tables are showed thresholds when current is rising and when is falling with
R=1.4 Ω and V_ant=3.3 V.
Table 3. Thresholds when current is rising
Current from antenna
(when current is rising)
SENSE<1>
SENSE<0>
I < 24 mA
0
0
24 ≤ I ≤ 62 mA
0
1
I > 62 mA
1
1
Table 4. Thresholds when current is falling
Current sunk from antenna (when
current is falling)
SENSE<1>
SENSE<0>
I > 53 mA
1
1
16 ≤ I ≤ 53 mA
0
1
I < 16 mA
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com