Electronic Components Datasheet Search
  English  ▼

X  

CSSH0402DTL250 Datasheet(PDF) 4 Page - Stackpole Electronics, Inc.

Part # CSSH0402DTL250
Description  Ultra-precision Metal Alloy Current Sensing Chip Resistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

CSSH0402DTL250 Datasheet(HTML) 4 Page - Stackpole Electronics, Inc.

  CSSH0402DTL250 Datasheet HTML 1Page - Stackpole Electronics, Inc. CSSH0402DTL250 Datasheet HTML 2Page - Stackpole Electronics, Inc. CSSH0402DTL250 Datasheet HTML 3Page - Stackpole Electronics, Inc. CSSH0402DTL250 Datasheet HTML 4Page - Stackpole Electronics, Inc. CSSH0402DTL250 Datasheet HTML 5Page - Stackpole Electronics, Inc. CSSH0402DTL250 Datasheet HTML 6Page - Stackpole Electronics, Inc. CSSH0402DTL250 Datasheet HTML 7Page - Stackpole Electronics, Inc. CSSH0402DTL250 Datasheet HTML 8Page - Stackpole Electronics, Inc. CSSH0402DTL250 Datasheet HTML 9Page - Stackpole Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Rev Date: 7/29/2022
4
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
CSS / CSSH Series
Ultra-precision Metal Alloy Current Sensing Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Performance Characteristics
Mechanical Specifications (4527)
Mechanical Specifications (1206
– 3637) (cont.)
Test
Test Method
Test Specification
Test Condition
R1: resistance of room temperature (T1)
R2: resistance of 125ºC (T2)
Temperature
Coefficient of
Resistance (TCR)
JIS-C-5201-1 4.8
Per specification
(refer to Electrical
Specification table)
TCR (ppm/ºC)
(R2 - R1)
R1 (T2 - T1)
X 10
6
=
0.137 ± 0.010 inches
3.47 ± 0.25
mm
0.450 ± 0.010 0.270 ± 0.010 0.059 ± 0.010 0.038 ± 0.010 0.127 ± 0.010 inches
11.43 ± 0.25
6.85 ± 0.25
1.50 ± 0.25
0.97 ± 0.25
3.22 ± 0.25
mm
0.127 ± 0.010 inches
3.22 ± 0.25
mm
0.072 ± 0.010 inches
1.82 ± 0.25
mm
T2
Bottom
Termination
Unit
Type/Code
Maximum Power
Rating
(W)
Resistance
Range
(Ω)
L
W
H
T1
Top
Termination
CSS4527
5
0.0005
0.0051 - 0.1
0.0006 - 0.003
0.004 - 0.005
0.039 ± 0.010 0.085 ± 0.010 0.085 ± 0.010 inches
0.99 ± 0.25
2.16 ± 0.25
2.16 ± 0.25
mm
0.039 ± 0.010 0.059 ± 0.010 0.059 ± 0.010 inches
0.99 ± 0.25
1.50 ± 0.25
1.50 ± 0.25
mm
0.043 ± 0.010 0.085 ± 0.010 0.085 ± 0.010 inches
1.09 ± 0.25
2.16 ± 0.25
2.16 ± 0.25
mm
0.268 ± 0.010 0.254 ± 0.010 0.039 ± 0.010 0.085 ± 0.010 0.085 ± 0.010 inches
6.81 ± 0.25
6.45 ± 0.25
0.99 ± 0.25
2.16 ± 0.25
2.16 ± 0.25
mm
0.071 ± 0.010 0.071 ± 0.010 inches
1.80 ± 0.25
1.80 ± 0.25
mm
0.035 ± 0.010 0.065 ± 0.010 0.065 ± 0.010 inches
0.89 ± 0.25
1.65 ± 0.25
1.65 ± 0.25
mm
0.051 ± 0.010 0.051 ± 0.010 inches
1.30 ± 0.25
1.30 ± 0.25
mm
0.264 ± 0.010 0.283 ± 0.010 0.039 ± 0.010 0.045 ± 0.010 0.045 ± 0.010 inches
6.71 ± 0.25
7.19 ± 0.25
0.99 ± 0.25
1.14 ± 0.25
1.14 ± 0.25
mm
0.264 ± 0.010 0.283 ± 0.010 0.039 ± 0.010 0.045 ± 0.010 0.045 ± 0.010 inches
6.71 ± 0.25
7.19 ± 0.25
0.99 ± 0.25
1.14 ± 0.25
1.14 ± 0.25
mm
0.360 ± 0.010 0.378 ± 0.010 0.029 ± 0.010 0.091 ± 0.010 0.091 ± 0.010 inches
9.14 ± 0.25
9.60 ± 0.25
0.73 ± 0.25
2.30 ± 0.25
2.30 ± 0.25
mm
0.0015
0.002
0.0025
0.003
0.00075
Unit
L
W
H
T1
Top
Termination
T2
Bottom
Termination
0.0003
CSSH3637
7
Type/Code
Maximum Power
Rating
(W)
Resistance
Range
(Ω)
CSSH2728
4
0.004 - 0.1
0.0002, 0.00025,
0.0005
CSS2728
3
0.004 - 0.1
CSS2725
4
0.001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com