Electronic Components Datasheet Search
  English  ▼

X  

FOR-G7L Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # FOR-G7L
Description  A High-capacity, High-dielectric-strength Relay Compatible with Momentary Voltage Drops
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

FOR-G7L Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button FOR-G7L Datasheet HTML 2Page - Omron Electronics LLC FOR-G7L Datasheet HTML 3Page - Omron Electronics LLC FOR-G7L Datasheet HTML 4Page - Omron Electronics LLC FOR-G7L Datasheet HTML 5Page - Omron Electronics LLC FOR-G7L Datasheet HTML 6Page - Omron Electronics LLC FOR-G7L Datasheet HTML 7Page - Omron Electronics LLC FOR-G7L Datasheet HTML 8Page - Omron Electronics LLC FOR-G7L Datasheet HTML 9Page - Omron Electronics LLC FOR-G7L Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
G7L
Power Relay
G
7
L
● Adapter Mounting
Quick-connect Terminals
● Front-connecting Socket Mounting
Quick-connect Terminals
Note 1. The DIN Track Mounting Adapter and DIN tracks are sold separately.
2. The DIN Track Mounting Adapter can be track-mounted or screw-mounted.
Test button
Test button
Two, M4 or 4.5-dia.
holes
55.5 max.
55.5 max.
63 max.
51.5 max.
66.5 max.
63 max.
51.5 max.
66.5 max.
PFP-
@N
PFP-
@N
G7L
G7L
P7LF-D
P7LF-D
40
±0.1
01
4
5
5
5
2
2
5
6
01
4
26
8
55.5 max.
55.5 max.
63 max.
51.5 max.
66.5 max.
63 max.
51.5 max.
66.5 max.
PFP-
@N
PFP-
@N
G7L
G7L
P7LF-D
P7LF-D
01
46
01
4
26
8
G7L-1A-T
Terminal Arrangement/
Internal Connections
(Top View)
Mounting Holes
(No coil polarity)
Note. Refer to page 12 for the coil internal
connection diagram
(No coil polarity)
Note. Refer to page 12 for the coil internal
connection diagram
G7L-2A-T
G7L-1A-TJ
(with Test Button)
(No coil polarity)
Note. Refer to page 12 for the coil internal
connection diagram
G7L-2A-TJ
(with Test Button)
(No coil polarity)
Note. Refer to page 12 for the coil internal
connection diagram
Note 1. The Front-connecting Socket and DIN tracks are sold separately.
2. The Front-connecting Socket can be track-mounted or screw-mounted.
Two, M4 or 4.5-dia.
holes
51.5 max.
61.5 max.
55.5 max.
65 max.
51.5 max.
61.5 max.
55.5 max.
65 max.
PFP-
@N
2-M3.5
× 6 (coil side)
4-M4
× 8 (contact side)
2-M3.5
× 6 (coil side)
4-M4
× 8 (contact side)
G7L
P7LF-06
PFP-
@N
G7L
P7LF-06
40
±0.1
01
4
5
5
6
01
4
26
8
G7L-1A-T
Terminal Arrangement/
Internal Connections
(Top View)
Mounting Holes
(No coil polarity)
Note. Refer to page 12 for the coil internal
connection diagram
(No coil polarity)
Note. Refer to page 12 for the coil internal
connection diagram
G7L-2A-T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com