Electronic Components Datasheet Search
  English  ▼

X  

VNH7040AY Datasheet(PDF) 31 Page - STMicroelectronics

Part # VNH7040AY
Description  Automotive fully integrated H-bridge motor driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH7040AY Datasheet(HTML) 31 Page - STMicroelectronics

Back Button VNH7040AY Datasheet HTML 27Page - STMicroelectronics VNH7040AY Datasheet HTML 28Page - STMicroelectronics VNH7040AY Datasheet HTML 29Page - STMicroelectronics VNH7040AY Datasheet HTML 30Page - STMicroelectronics VNH7040AY Datasheet HTML 31Page - STMicroelectronics VNH7040AY Datasheet HTML 32Page - STMicroelectronics VNH7040AY Datasheet HTML 33Page - STMicroelectronics VNH7040AY Datasheet HTML 34Page - STMicroelectronics VNH7040AY Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
DocID028118 Rev 5
31/48
VNH7040AY
MultiSense operation
47
5.2
Multisense diagnostics flag in fault conditions
Multisense pin delivers fixed voltage (VSENSEH) with a certain current capability in case of
Fault condition on activated high-side (in ON state) triggered by Power Limitation,
overtemperature protection, where MultiSense output is selected by SEL0 to high-side
in fault state.
Fault condition on activated low-side (in ON state) triggered by overcurrent shutdown,
overtemperature protection, where MultiSense output is selected by SEL0 to the same
leg (of high-side) where low-side is in fault state.
Short-circuit to VCC on OUT in OFF state (INA = INB = PWM = 0) selected by SEL0;
Special care must be taken for the OUTB (SEL0 = 0) because the fixed voltage is
available only before device enters its stand-by mode after TD_STDBY (because all
control signals are set to 0).
In the configuration of half bridge (load connected between OUT and ground), when
open-load appears on OUT in OFF state (selected by SEL0) with activated external
pull-up resistor. Such condition causes an effect similar to the short circuit to VCC on
leg in OFF state (as mentioned in above case, output voltage exceeds open-load
threshold VOL).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com