Electronic Components Datasheet Search
  English  ▼

X  

DM74ALS373 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM74ALS373
Description  Octal D-Type TRI-STATE Transparent Latch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM74ALS373 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DM74ALS373 Datasheet HTML 1Page - National Semiconductor (TI) DM74ALS373 Datasheet HTML 2Page - National Semiconductor (TI) DM74ALS373 Datasheet HTML 3Page - National Semiconductor (TI) DM74ALS373 Datasheet HTML 4Page - National Semiconductor (TI) DM74ALS373 Datasheet HTML 5Page - National Semiconductor (TI) DM74ALS373 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF6220
March 1996
DM74ALS373
Octal D-Type TRI-STATE
Transparent Latch
General Description
These 8-bit registers feature totem-pole TRI-STATE outputs
designed specifically for driving highly-capacitive or relative-
ly low-impedance loads The high-impedance state and in-
creased high-logic-level drive provide these registers with
the capability of being connected directly to and driving the
bus lines in a bus-organized system without need for inter-
face or pull-up components They are particularly attractive
for implementing buffer registers IO ports bidirectional
bus drivers and working registers
The eight latches of the ALS373 are transparent D-type
latches While the enable (G) is high the Q outputs will fol-
low the data (D) inputs When the enable is taken low the
output will be latched at the level of the data that was set
up
A buffered output control input can be used to place the
eight outputs in either a normal logic state (high or low logic
levels) or a high-impedance state In the high-impedance
state the outputs neither load nor drive the bus lines signifi-
cantly
The output control does not affect the internal operation of
the latches That is the old data can be retained or new
data can be entered even while the outputs are off
Features
Y
Switching specifications at 50 pF
Y
Switching specifications guaranteed over full tempera-
ture and VCC range
Y
Advanced oxide-isolated
ion-implanted Schottky TTL
process
Y
Functionally and pin for pin compatible with LS TTL
counterpart
Y
Improved AC performance over LS373 at approximately
half the power
Y
TRI-STATE buffer-type outputs drive bus lines directly
Connection Diagram
Dual-In-Line Package
TLF6220 – 1
Order Number DM74ALS373WM DM74ALS373N or DM74ALS373SJ
See NS Package Number M20B M20D or N20A
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1996 National Semiconductor Corporation
RRD-B30M36Printed in U S A
http
www nationalcom


Similar Part No. - DM74ALS373

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74ALS373 FAIRCHILD-DM74ALS373 Datasheet
71Kb / 7P
Octal D-Type 3-STATE Transparent Latch
DM74ALS373N FAIRCHILD-DM74ALS373N Datasheet
71Kb / 7P
Octal D-Type 3-STATE Transparent Latch
DM74ALS373SJ FAIRCHILD-DM74ALS373SJ Datasheet
71Kb / 7P
Octal D-Type 3-STATE Transparent Latch
DM74ALS373WM FAIRCHILD-DM74ALS373WM Datasheet
71Kb / 7P
Octal D-Type 3-STATE Transparent Latch
More results

Similar Description - DM74ALS373

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ABT373 NSC-54ABT373 Datasheet
357Kb / 14P
Octal Transparent Latch with TRI-STATE Outputs
54AC373 NSC-54AC373 Datasheet
166Kb / 10P
Octal Transparent Latch with TRI-STATE Outputs
54F373DM NSC-54F373DM Datasheet
174Kb / 8P
Octal Transparent Latch with TRI-STATE Outputs
54F533DM NSC-54F533DM Datasheet
166Kb / 8P
Octal Transparent Latch with TRI-STATE Outputs
54FCT373 NSC-54FCT373 Datasheet
146Kb / 8P
Octal Transparent Latch with TRI-STATE Outputs
54FCT533 NSC-54FCT533 Datasheet
152Kb / 6P
Octal Transparent Latch with TRI-STATE Outputs
MM54HCT573 NSC-MM54HCT573 Datasheet
127Kb / 6P
TRI-STATE Octal D-Type Latch / TRI-STATE Octal D-Type Flip-Flop
74ABT373 NSC-74ABT373 Datasheet
333Kb / 16P
Octal Transparent Latch with TRI-STATE Outputs
logo
List of Unclassifed Man...
74HC373 ETC1-74HC373 Datasheet
243Kb / 5P
OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
National Semiconductor ...
DM74AS533 NSC-DM74AS533 Datasheet
126Kb / 4P
Octal D-Type Transparent Latch with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com