Electronic Components Datasheet Search
  English  ▼

X  

REF70 Datasheet(PDF) 10 Page - Texas Instruments

Part # REF70
Description  REF70 2 ppm/°C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF70 Datasheet(HTML) 10 Page - Texas Instruments

Back Button REF70_V06 Datasheet HTML 6Page - Texas Instruments REF70_V06 Datasheet HTML 7Page - Texas Instruments REF70_V06 Datasheet HTML 8Page - Texas Instruments REF70_V06 Datasheet HTML 9Page - Texas Instruments REF70_V06 Datasheet HTML 10Page - Texas Instruments REF70_V06 Datasheet HTML 11Page - Texas Instruments REF70_V06 Datasheet HTML 12Page - Texas Instruments REF70_V06 Datasheet HTML 13Page - Texas Instruments REF70_V06 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
7.8 REF7033 Electrical Characteristics
Specifications are tested at TA = 25°C, IL = 0 mA, CIN = 0.1 µF, COUT = 10 µF, VIN = VOUT + 0.5V, OUTS connected to OUTF,
unless otherwise noted
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
ACCURACY AND DRIFT
Output voltage accuracy TA = 25°C
–0.025
0.025
%
Output voltage
temperature coefficient
–40°C ≤ TA ≤ 125°C
2
ppm/
℃
LINE AND LOAD REGULATION
ΔVO / ΔVIN Line regulation
3.5 V ≤ VIN ≤ 18 V
4
ppm/V
3.5 V ≤ VIN ≤ 18 V, –40°C ≤ TA ≤ 125°C
30
ΔVO / ΔIL
Load regulation
IL = 0 mA to 10mA, VIN = 3.8 V
5
ppm/mA
IL = 0 mA to 10mA, VIN = 3.8 V, –40°C ≤ TA ≤
125°C
10
IL = 0 mA to –10mA, VIN = 3.8 V
5
IL = 0 mA to –10mA, VIN = 3.8 V, –40°C ≤ TA ≤
125°C
15
NOISE
enp-p
Low frequency noise
ƒ = 0.1 Hz to 10 Hz
0.23
ppmp-p
en
Output voltage noise
ƒ = 10 Hz to 1 kHz
0.35
ppmrms
HYSTERESIS AND LONG-TERM STABILITY
Long-term stability
0 to 250h at 35°C - FKH package
15
ppm
0 to 1000h at 35°C - FKH package
35
Output voltage
hysteresis
25°C, –40°C, 125°C, 25°C – FKH package
180
ppm
25°C, –40°C, 85°C, 25°C – FKH package
100
25°C, 0°C, 70°C, 25°C – FKH package
40
TURN ON TIME
tON
Turn-on time
0.1% settling, COUT = 1µF
0.5
ms
CAPACITIVE LOAD
CIN
Stable input capacitor
range
–40
℃ ≤ TA ≤ 125℃
0.1
µF
COUT
Stable output capacitor
range (1)
–40
℃ ≤ TA ≤ 125℃
1
100
µF
POWER SUPPLY
VIN
Input voltage
VOUT +
VDO
18
V
IQ
Quiescent current
TA = 25°C
Active mode
4
6
mA
–40°C ≤ TA ≤ 125°C
7
mA
TA = 25°C
Shutdown mode
5
10
uA
–40°C ≤ TA ≤ 125°C
12
uA
VEN
Enable pin voltage
Active mode (EN=1)
1.6
V
Shutdown mode (EN=0)
0.5
V
IEN
Enable pin current
VIN = VEN = 18V
3.2
4
uA
VIN = VEN = 18V, –40°C ≤ TA ≤ 125°C
5
uA
VDO
Dropout voltage
IL = 5mA, –40°C ≤ TA ≤ 125°C
250
mV
IL = 10mA, –40°C ≤ TA ≤ 125°C
400
mV
ISC
Short circuit current
VOUT = 0V
25
mA
(1)
ESR for the capacitor can range from 10mΩ to 400mΩ
REF70
SNAS781E – OCTOBER 2020 – REVISED JULY 2022
www.ti.com
10
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: REF70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com