Electronic Components Datasheet Search
  English  ▼

X  

TLE6361 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE6361
Description  Application Board 1.1
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6361 Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE6361 Datasheet HTML 1Page - Infineon Technologies AG TLE6361 Datasheet HTML 2Page - Infineon Technologies AG TLE6361 Datasheet HTML 3Page - Infineon Technologies AG TLE6361 Datasheet HTML 4Page - Infineon Technologies AG TLE6361 Datasheet HTML 5Page - Infineon Technologies AG TLE6361 Datasheet HTML 6Page - Infineon Technologies AG TLE6361 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AP SU P 01
T L E 6361 Application Boar d 1.1
Application Note, Version 1.0
page 1 of 5
2001-09-21
1. Introduction
This Application Note is intended to provide
information about how to operate the multi-
voltage power supply TLE 6361 Application
Board 1.1 (see marking) and how to use the SPI
software to control some of the functions of the
TLE 6361.
2. Board Components
In the following figures the top and bottom side
of the three layers application board are shown
with a description of the components mounted
on it. The middle layer is a GND plain for best
EMI behaviour.
Figure 1: Top side
Figure 2: Top side
On the top side of Figure 1 you find the SPI
connectors which make the communication
between the board and the e.g. parallel port of a
PC possible. There are two kinds of connectors
available, just one has to be used according to
the application’s needs.
For reverse polarity protection a silicon
diode is foreseen, when having problems with
minimum input voltage requirements the diode
can be shorted or replaced by e.g. a PMOS-
constructed protection.
As one of the input caps a 100µF electrolythic
capacitor is put onto the board, lower values are
also sufficient for proper operation but the ripple
seen at the battery line will increase.
To determine the output voltages of the
two linear regulators LDO2 and LDO3 the
selection jumper has to be set accordingly. In
jumper position 1 the linear regulator two will
have an output voltage of 2.6V where linear
regulator three sets its output voltage to 3.3V. At
position 2 we get 2.6V at LDO2 and 5.0V at
LDO3 and at jumper position
⊥ the output
voltages settle to 3.3V LDO2 and 5.0V LDO3.
LDO1 will always have an output voltage of 5V.
Considering the remaining connectors
on Figure 1 and Figure 2 you will find as inputs
the battery connection, the wake up and the
GND near the outputs Not Error, STBY-
Regulator, Trackers 1 to 6, Linear Regulators 1
to 3, Resets 1 to 3 and the pre-regulated output
voltage of the Buck converter.
Figure 3: Bottom side
The passive components needed for proper
operation of the buck converter you find at the
bottom side. For the freewheeling diode a
schottky diode is recommended to keep the
SPI connectors
Input Cap,
electrolythic
Reverse polarity
protection,
Si-Diode
LinReg 2 and 3
output voltage
selection
LDO2=2.6V
LDO3=3.3V
LDO2=3.3V
LDO3=5.0V
LDO2=2.6V
LDO3=5.0V
Battery
Signal Ground
Not Error
STBY Reg.
V-Tracker 1
V-Tracker 2
V-Tracker 3
Wake up pin
Buck output
LinReg 1
LinReg 2
Reset 3
Reset 2
Reset 1
Input Filter Space
Input Caps,
ceramic
Buck Output Cap,
low ESR tantalum
Slew resistor
Buck Freewheeling
Diode
Buck Inductance
Trackers
Output Caps,
ceramic
SPI resistors



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com