Electronic Components Datasheet Search
  English  ▼

X  

UGF09030 Datasheet(PDF) 2 Page - Cree, Inc

Part # UGF09030
Description  30W, 1 GHz, 26V Broadband RF Power N-Channel Enhancement-Mode Lateral MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

UGF09030 Datasheet(HTML) 2 Page - Cree, Inc

  UGF09030 Datasheet HTML 1Page - Cree, Inc UGF09030 Datasheet HTML 2Page - Cree, Inc UGF09030 Datasheet HTML 3Page - Cree, Inc UGF09030 Datasheet HTML 4Page - Cree, Inc UGF09030 Datasheet HTML 5Page - Cree, Inc UGF09030 Datasheet HTML 6Page - Cree, Inc UGF09030 Datasheet HTML 7Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Page 2 of 7
UGF09030 Rev. 2
Specifications subject to change without notice
http://cree.com/
UGF09030
Maximum Ratings
Rating
Symbol
Value
Unit
Drain to Source Voltage, Gate connected to Source
VDSS
65
Volts
Gate to Source Voltage
VGSS
+15 to –.5
Volts
Total Device Dissipation @ Tcase = 70
oC
Derate above 70
oC
PD
-
Watts
W/
oC
Storage Temperature Range
Tstg
-65 to
+150
oC
Operating Junction Temperature
TJ
200
oC
Thermal Characteristics
Characteristic
Symbol
Typical
Unit
Thermal Resistance, Junction to Case
ΘJC
-
oC/W
Electrical DC Characteristics (TC =25°C unless otherwise specified)
Rating
Symbol
Min
Typ
Max
Unit
Drain to Source Breakdown Voltage
(VGS=0, ID=1mA)
BVDSS
65
-
-
Volts
Drain to Source Leakage current
(VDS=26V, VGS=0)
IDSS
-
-
1.0
mA
Gate to Source Leakage current
(VGS=15V, VDS=0)
IGSS
-
-
1.0
µA
Threshold Voltage
(VDS=10V, ID=1mA)
VGS(th)
-
3.5
-
Volts
Gate Quiescent Voltage
(VDS=26 V, ID=350mA)
VGS(Q)
3.0
4.0
6.0
Volts
Drain to Source On Voltage
(VGS=10V, ID=1A)
VDS(on)
-
0.3
-
Volts
Forward Transconductance
(VDS=10V, ID=5A)
Gm
-
-
-
S



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com