Electronic Components Datasheet Search
  English  ▼

X  

TL431ACD Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TL431ACD
Description  TL431, TL432 Precision Programmable Reference
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL431ACD Datasheet(HTML) 9 Page - Texas Instruments

Back Button TL431ACD Datasheet HTML 5Page - Texas Instruments TL431ACD Datasheet HTML 6Page - Texas Instruments TL431ACD Datasheet HTML 7Page - Texas Instruments TL431ACD Datasheet HTML 8Page - Texas Instruments TL431ACD Datasheet HTML 9Page - Texas Instruments TL431ACD Datasheet HTML 10Page - Texas Instruments TL431ACD Datasheet HTML 11Page - Texas Instruments TL431ACD Datasheet HTML 12Page - Texas Instruments TL431ACD Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 83 page
background image
7.8 Electrical Characteristics, TL431AC, TL432AC
over recommended operating conditions, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CIRCUIT
TEST CONDITIONS
TL431AC, TL432AC
UNIT
MIN
TYP
MAX
Vref
Reference voltage
See Figure 8-1 VKA = Vref, IKA = 10 mA
2470
2495
2520
mV
VI(dev)
Deviation of reference input
voltage over full temperature
range(1)
See Figure 8-1
VKA = Vref,
IKA = 10 mA
SOT23-3 and TL432
devices
6
16
mV
All other devices
4
25
ΔVref /
ΔVKA
Ratio of change in reference
voltage to the change in
cathode voltage
See Figure 8-2 IKA = 10 mA
ΔVKA = 10 V – Vref
–1.4
–2.7
mV/V
ΔVKA = 36 V – 10 V
–1
–2
Iref
Reference input current
See Figure 8-2 IKA = 10 mA, R1 = 10 kΩ, R2 = ∞
2
4
µA
II(dev)
Deviation of reference input
current over full temperature
range(1)
See Figure 8-2 IKA = 10 mA, R1 = 10 kΩ, R2 = ∞
0.8
1.2
µA
Imin
Minimum cathode current for
regulation
See Figure 8-1 VKA = Vref
0.4
0.6
mA
Ioff
Off-state cathode current
See Figure 8-3 VKA = 36 V, Vref = 0
0.1
0.5
µA
|zKA|
Dynamic impedance(2)
See Figure 8-1
VKA = Vref, f ≤ 1 kHz,
IKA = 1 mA to 100 mA
0.2
0.5
Ω
www.ti.com
TL431, TL432
SLVS543Q – AUGUST 2004 – REVISED JULY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TL431 TL432



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com