Electronic Components Datasheet Search
  English  ▼

X  

TL431ACDBVRG4 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TL431ACDBVRG4
Description  TL431, TL432 Precision Programmable Reference
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL431ACDBVRG4 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TL431ACDBVRG4 Datasheet HTML 13Page - Texas Instruments TL431ACDBVRG4 Datasheet HTML 14Page - Texas Instruments TL431ACDBVRG4 Datasheet HTML 15Page - Texas Instruments TL431ACDBVRG4 Datasheet HTML 16Page - Texas Instruments TL431ACDBVRG4 Datasheet HTML 17Page - Texas Instruments TL431ACDBVRG4 Datasheet HTML 18Page - Texas Instruments TL431ACDBVRG4 Datasheet HTML 19Page - Texas Instruments TL431ACDBVRG4 Datasheet HTML 20Page - Texas Instruments TL431ACDBVRG4 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 83 page
background image
Typical Characteristics
Data at high and low temperatures are applicable only within the recommended operating free-air temperature ranges of the
various devices.
1 k
10 k
100 k
1 M
10 M
0
10
20
30
50
60
40
f − Frequency − Hz
IKA = 10 mA
TA = 25°C
Figure 7-10. Small-Signal Voltage Amplification vs Frequency
9 µF
GND
Output
232 Ω
8.25 kΩ
IKA
15 kΩ
+
−
IKA = 10 mA
TA = 25°C
Figure 7-11. Test Circuit for Voltage Amplification
0.1
1 k
10 k
100 k
1 M
10 M
1
f − Frequency − Hz
10
100
IKA = 10 mA
TA = 25°C
Figure 7-12. Reference Impedance vs Frequency
1 kΩ
50 Ω
GND
Output
IKA
+
−
Figure 7-13. Test Circuit for Reference Impedance
3
2
1
0
−1
0
1
2
3
4
4
5
6
5
6
7
Input
Output
TA = 25°C
t − Time − µs
Figure 7-14. Pulse Response
220 Ω
50 Ω
GND
Output
Pulse
Generator
f = 100 kHz
Figure 7-15. Test Circuit for Pulse Response
www.ti.com
TL431, TL432
SLVS543Q – AUGUST 2004 – REVISED JULY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TL431 TL432



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com