Electronic Components Datasheet Search
  English  ▼

X  

KA3843AM Datasheet(PDF) 9 Page - Wing Shing Computer Components

Part # KA3843AM
Description  Current���� Mode��PWM��Cont roller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

KA3843AM Datasheet(HTML) 9 Page - Wing Shing Computer Components

  KA3843AM Datasheet HTML 1Page - Wing Shing Computer Components KA3843AM Datasheet HTML 2Page - Wing Shing Computer Components KA3843AM Datasheet HTML 3Page - Wing Shing Computer Components KA3843AM Datasheet HTML 4Page - Wing Shing Computer Components KA3843AM Datasheet HTML 5Page - Wing Shing Computer Components KA3843AM Datasheet HTML 6Page - Wing Shing Computer Components KA3843AM Datasheet HTML 7Page - Wing Shing Computer Components KA3843AM Datasheet HTML 8Page - Wing Shing Computer Components KA3843AM Datasheet HTML 9Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Current Mode PWM Controller
9
PAD LOCATION
Chip size: 2.38 x 1.63 mm
Coordinates
µm
Pad N
Pad Name
X
Y
1
COMP
90
110
2
VFB
1050
110
3
ISENSE
1310
110
4
RT/CT
2000
150
5
POWER GND
1700
1280
6
GND
1680
1450
7
OUT
1310
1410
8
POWER VCC
990
1410
9
VCC
815
1410
10
VREF
460
1390
KA3843A(AM)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com