Electronic Components Datasheet Search
  English  ▼

X  

20215 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # 20215
Description  20 Character by 2 Line Alphanumeric LCD Assembly With COG Controller No internal backlight assembly, must be external
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

20215 Datasheet(HTML) 1 Page - DB Lectro Inc

  20215 Datasheet HTML 1Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
 
Standard Resistance Table
Resistance(Ohms)
Resistance Code
10
20
50
100
200
500
1,000
2,000
5,000
10,000
20,000
25,000
100
200
500
101
201
501
102
202
502
103
203
253
Electrical Characteristics
Standard Resistance Range.................50Ω~2MΩ
Resistance Tolerance....................................±10%
Absolute Minimum Resistance..........≤1%R或10Ω
Contact Resistance Variation........CRV≤3%或5Ω
Insulation Resistance................R1≥1GΩ
(500Vac)
Withstand Voltage......................................700Vac
Effective Travel.............................................250
℃
Environmental Characteristics
Power Rating, 300 volts max
.........................................0.5W@70
℃,0W@125℃
Temperature Range..........................-55
℃~
125
℃
Temperature Coefficient......................±250ppm/
℃
Temperature Variation............-55
℃,30min,+125℃
........................................................30min
5cyccles
................................
△R≤5%R,△(Uab/Uac)≤5%
Vibration..............................10~
500Hz,0.75mm,6h
......................
△R≤5%R, △(Uab/Uac)≤±7.5%R
Collision................390m/s2,4000cycles △R≤5%R
Electrical Endurance at 70
℃...............0.5W@70℃
............................1000h,
△R≤10%R,R1≥100MΩ
Rotational Life.........................................200cycles
.................................
△R≤10%R,CRV≤3% or 5Ω
Physical Characteristics
Starting Torque.......................................≤
...
Mutual dimension............................
7×7.2 Square/Single Turn/Trimming Potentiometer
-- 3362R--
50,000
100,000
200,000
250,000
500,000
1,000,000
2,000,000
503
104
204
254
504
105
205
Special resistances available
 
How To Order
3362-----R-------103
DB LECTRO Inc.
www.dblectro.com


Similar Part No. - 20215

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
202150B ITF-202150B Datasheet
204Kb / 5P
SAW Bandpass Filter
2004-04-07
202153B ITF-202153B Datasheet
195Kb / 5P
SAW Bandpass Filter
2007-11-14
202154B ITF-202154B Datasheet
199Kb / 5P
SAW Bandpass Filter
2004-06-22
202155B ITF-202155B Datasheet
198Kb / 5P
SAW Bandpass Filter
2004-04-21
202156B ITF-202156B Datasheet
199Kb / 5P
SAW Bandpass Filter
2004-06-03
More results

Similar Description - 20215

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6406B NJRC-NJU6406B Datasheet
1Mb / 43P
24-CHARACTER 2-LINE DOT MATRIX LCD CONTROLLER DRIVER
NJU6420B NJRC-NJU6420B Datasheet
1Mb / 38P
16-CHARACTER 2-LINE DOT MATRIX LCD CONTROLLER DRIVER
NJU6423B NJRC-NJU6423B Datasheet
1Mb / 38P
20-CHARACTER 2-LINE DOT MATRIX LCD CONTROLLER DRIVER?
NJU6428 NJRC-NJU6428 Datasheet
1Mb / 44P
12-CHARACTER 2-LINE DOT MATRIX LCD CONTROLLER DRIVER
NJU6461 NJRC-NJU6461 Datasheet
1Mb / 42P
12-CHARACTER 2-LINE DOT MATRIX LCD CONTROLLER DRIVER
NJU6466 NJRC-NJU6466 Datasheet
1Mb / 39P
24-CHARACTER 2-LINE DOT MATRIX LCD CONTROLLER DRIVER?
NJU6635 NJRC-NJU6635 Datasheet
391Kb / 33P
16-CHARACTER 2-LINE DOT MATRIX LCD CONTROLLER DRIVER
logo
Hantronix,Inc
HDM20216L-L HANTRONIX-HDM20216L-L Datasheet
33Kb / 1P
20 Character x 2 Lines, Large Character, LED Backlight
logo
List of Unclassifed Man...
16244 ETC2-16244 Datasheet
223Kb / 16P
16 Character by 2 Line Alphanumeric LCD Assembly With Embedded Controller
16215 ETC2-16215 Datasheet
169Kb / 14P
16 Character by 2 Line Alphanumeric LCD Assembly With COG Controller No internal backlight assembly
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com